Electronic Components Datasheet Search
  English  ▼

X  

SI3201-FS Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SI3201-FS
Description  Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3201-FS Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SI3201-FS Datasheet HTML 9Page - Silicon Laboratories SI3201-FS Datasheet HTML 10Page - Silicon Laboratories SI3201-FS Datasheet HTML 11Page - Silicon Laboratories SI3201-FS Datasheet HTML 12Page - Silicon Laboratories SI3201-FS Datasheet HTML 13Page - Silicon Laboratories SI3201-FS Datasheet HTML 14Page - Silicon Laboratories SI3201-FS Datasheet HTML 15Page - Silicon Laboratories SI3201-FS Datasheet HTML 16Page - Silicon Laboratories SI3201-FS Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 148 page
background image
Si3210/Si3211
Rev. 1.61
13
Notes:
1. VDDD, VDDA =3.3 V.
2. VDDD, VDDA =5.25V.
3. IBAT = current from VBAT (the large negative supply). For a switched-mode power supply regulator efficiency of 71%,
the user can calculate the regulator current consumption as IBAT x VBAT/(0.71 x VDC).
Table 9. Switching Characteristics (General Inputs)1
VDDA =VDDA = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade, CL =20pF)
Parameter
Symbol
Min
Typ
Max
Unit
Rise Time, RESET
tr
——
20
ns
RESET Pulse Width2
trl
100
—
—
ns
Notes:
1. All timing (except rise and fall time) is referenced to the 50% level of the waveform. Input test levels are
VIH =VD – 0.4 V, VIL = 0.4 V. Rise and fall times are referenced to the 20% and 80% levels of the waveform.
2. Additional initialization guidelines apply; see section 1.2 ProSLIC Initialization in AN35.
Table 10. Switching Characteristics (SPI)
VDDA =VDDA = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade, CL =20pF
Parameter
Symbol
Test
Conditions
Min
Typ
Max
Unit
Cycle Time SCLK
tc
0.062
—
—
µs
Rise Time, SCLK
tr
—
—
25
ns
Fall Time, SCLK
tf
—
—
25
ns
Delay Time, SCLK Fall to SDO Active
td1
—
—
20
ns
Delay Time, SCLK Fall to SDO
Transition
td2
—
—
20
ns
Delay Time, CS Rise to SDO Tri-state
td3
—
—
20
ns
Setup Time, CS to SCLK Fall
tsu1
25
—
—
ns
Hold Time, CS to SCLK Rise
th1
20
—
—
ns
Setup Time, SDI to SCLK Rise
tsu2
25
—
—
ns
Hold Time, SDI to SCLK Rise
th2
20
—
—
ns
Delay Time between Chip Selects
(Continuous SCLK)
tcs
440
—
—
ns
Delay Time between Chip Selects
(Non-continuous SCLK)
tcs
220
—
—
ns
Table 8. Power Supply Characteristics (Continued)
(Unless otherwise noted, VDDA, VDDD=3.13 to 5.25 V; TA=0 to 70C for F-grade, –40 to 85C for G-grade)
Parameter
Symbol
Test Condition
Typ1
Typ2
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com