Electronic Components Datasheet Search
  English  ▼

X  

SI3201-FS Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI3201-FS
Description  Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3201-FS Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI3201-FS Datasheet HTML 17Page - Silicon Laboratories SI3201-FS Datasheet HTML 18Page - Silicon Laboratories SI3201-FS Datasheet HTML 19Page - Silicon Laboratories SI3201-FS Datasheet HTML 20Page - Silicon Laboratories SI3201-FS Datasheet HTML 21Page - Silicon Laboratories SI3201-FS Datasheet HTML 22Page - Silicon Laboratories SI3201-FS Datasheet HTML 23Page - Silicon Laboratories SI3201-FS Datasheet HTML 24Page - Silicon Laboratories SI3201-FS Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
Si3210/Si3211
Rev. 1.61
21
Table 14. Si3210M MOSFET/Transformer DC-DC Converter Component Values
Component(s)
Value
Package
Supplier
C9
10 µF, 100 V, Electrolytic, ±20%
Radial
Panasonic
C14*
0.1 µF, X7R, ±20%
1210
Murata, Johanson, Novacap, Venkel
C25*
10 µF, Electrolytic, ±20%
Radial
Panasonic
C27
470 pF, 100 V, X7R, ±20%
1206
Murata, Johanson, Novacap, Venkel
R17
200 k
, 1/10 W, ±5%
805
R18
1/4 W, ±5% (See “AN45: Design Guide for
the Si3210 DC-DC Converter” or Table 20
for value selection)
1206
R19,R20
1/10 W, ±1% (See AN45 or Table 20
for value selection)
805
R22
22
, 1/10 W, ±5%
805
F1
Fuse
SMD
Belfuse SSQ Series
D1
Ultra Fast Recovery 200 V, 1 A Rectifier
D214-AA
General Semi ES1D; Central Semi
CMR1U-02
T1
Power Transformer
SMD
Coiltronic CTX01-15275;
Datatronics SM76315;
Midcom 31353R-02
M1
100 V, Logic Level Input MOSFET
SOT-223
Intl Rect. IRLL014N; Intersil
HUF76609D3S; ST Micro
STD5NE10L, STN2NE10L
*Note: Voltage rating of this device must be greater than VDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com