Electronic Components Datasheet Search
  English  ▼

X  

SI3201-FS Datasheet(PDF) 39 Page - Silicon Laboratories

Part # SI3201-FS
Description  Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3201-FS Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button SI3201-FS Datasheet HTML 35Page - Silicon Laboratories SI3201-FS Datasheet HTML 36Page - Silicon Laboratories SI3201-FS Datasheet HTML 37Page - Silicon Laboratories SI3201-FS Datasheet HTML 38Page - Silicon Laboratories SI3201-FS Datasheet HTML 39Page - Silicon Laboratories SI3201-FS Datasheet HTML 40Page - Silicon Laboratories SI3201-FS Datasheet HTML 41Page - Silicon Laboratories SI3201-FS Datasheet HTML 42Page - Silicon Laboratories SI3201-FS Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 148 page
background image
Si3210/Si3211
Rev. 1.61
39
The power dissipation on the NPN bipolar transistor
driving the RING terminal can become large and may
require a higher power rating device. The non-tracking
mode of operation is required by specific terminal
equipment that, in order to initiate certain data
transmission modes, goes briefly on-hook to measure
the line voltage to determine whether there is any other
off-hook terminal equipment on the same line.
TRACK = 0 mode is desired since the regulator output
voltage has long settling time constants (on the order of
tens of milliseconds) and cannot change rapidly for
TRACK = 1 mode. Therefore, the brief on-hook voltage
measurement would yield approximately the same
voltage as the off-hook line voltage and cause the
terminal equipment to incorrectly sense another off-
hook terminal.
Figure 19. VTIP, VRING, and VBAT in the Forward Active State
Constant I Region
Constant V Region
V
OC
I
LIM
V
CM
V
OC
V
OV
V
OV
V
RING
V
BAT
V
BATL
R
LOOP
V
V
TIP
TR
AC
K=
1
TRACK=0
|V
TIP - VRING|
Table 28. Associated Relevant DC-DC Converter Registers
Parameter
Range
Resolution
Register Bit
Location
DC-DC Converter Power-off
Control
N/A
N/A
DCOF
Direct Register 14
DC-DC Converter Calibration
Enable/Status
N/A
N/A
DCCAL
Direct Register 93
DC-DC Converter PWM Period
0 to 15.564 µs
61.035 ns
DCN[7:0]
Direct Register 92
DC-DC Converter Min. Off Time
(0 to 1.892 µs) + 4 ns
61.035 ns
DCTOF[4:0]
Direct Register 93
High Battery Voltage—VBATH
0 to –94.5 V
1.5 V
VBATH[5:0]
Direct Register 74
Low Battery Voltage—VBATL
0 to –94.5 V
1.5 V
VBATL[5:0]
Direct Register 75
VOV
0 to –9 V or
0 to –13.5 V
1.5 V
VMIND[3:0]
VOV
Indirect Register 41
Direct Register 66
Note: The ProSLIC uses registers that are both directly and indirectly mapped. A “direct” register is one that is mapped
directly. An “indirect” register is one that is accessed using the indirect access registers (direct registers 28 through
31).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com