Electronic Components Datasheet Search
  English  ▼

X  

LM2675 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2675
Description  LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2675 Datasheet(HTML) 4 Page - Texas Instruments

  LM2675 Datasheet HTML 1Page - Texas Instruments LM2675 Datasheet HTML 2Page - Texas Instruments LM2675 Datasheet HTML 3Page - Texas Instruments LM2675 Datasheet HTML 4Page - Texas Instruments LM2675 Datasheet HTML 5Page - Texas Instruments LM2675 Datasheet HTML 6Page - Texas Instruments LM2675 Datasheet HTML 7Page - Texas Instruments LM2675 Datasheet HTML 8Page - Texas Instruments LM2675 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM2675
SNVS129E – MAY 2004 – REVISED JUNE 2005
www.ti.com
LM2675-5.0 Electrical Characteristics
Symbol
Parameter
Conditions
Typ(1)
Min(2)
Max(2)
Units
SYSTEM PARAMETERS Test Circuit Figure 22(3)
VOUT
Output Voltage
VIN = 8V to 40V, ILOAD = 20 mA to 1A
5.0
4.925/4.850
5.075/5.150
V
VOUT
Output Voltage
VIN = 6.5V to 40V, ILOAD = 20 mA to 500 mA
5.0
4.925/4.850
5.075/5.150
V
η
Efficiency
VIN = 12V, ILOAD = 1A
90
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2675 is used as shown in Figure 22 and Figure 23 test circuits, system performance will
be as specified by the system parameters section of the Electrical Characteristics.
LM2675-12 Electrical Characteristics
Symbol
Parameter
Conditions
Typ(1)
Min(2)
Max(2)
Units
SYSTEM PARAMETERS Test Circuit Figure 22(3)
VOUT
Output Voltage
VIN = 15V to 40V, ILOAD = 20 mA to 1A
12
11.82/11.64
12.18/12.36
V
η
Efficiency
VIN = 24V, ILOAD = 1A
94
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2675 is used as shown in Figure 22 and Figure 23 test circuits, system performance will
be as specified by the system parameters section of the Electrical Characteristics.
LM2675-ADJ Electrical Characteristics
Symbol
Parameter
Conditions
Typ(1)
Min(2)
Max(2)
Units
SYSTEM PARAMETERS Test Circuit Figure 23(3)
VFB
Feedback Voltage
VIN = 8V to 40V, ILOAD = 20 mA to 1A
VOUT Programmed for 5V
1.210
1.192/1.174
1.228/1.246
V
(see Circuit of Figure 23)
VFB
Feedback Voltage
VIN = 6.5V to 40V, ILOAD = 20 mA to 500 mA
VOUT Programmed for 5V
1.210
1.192/1.174
1.228/1.246
V
(see Circuit of Figure 23)
η
Efficiency
VIN = 12V, ILOAD = 1A
90
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2675 is used as shown in Figure 22 and Figure 23 test circuits, system performance will
be as specified by the system parameters section of the Electrical Characteristics.
All Output Voltage Versions Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with bold type face apply over full Operating
Temperature Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable versions and VIN = 24V for the
12V version, and ILOAD = 100 mA.
Symbol
Parameters
Conditions
Typ
Min
Max
Units
DEVICE PARAMETERS
IQ
Quiescent Current
VFEEDBACK = 8V
2.5
3.6
mA
For 3.3V, 5.0V, and ADJ Versions
VFEEDBACK = 15V
2.5
mA
For 12V Versions
ISTBY
Standby Quiescent Current
ON/OFF Pin = 0V
50
100/150
μA
ICL
Current Limit
1.55
1.25/1.2
2.1/2.2
A
4
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com