Electronic Components Datasheet Search
  English  ▼

X  

LM2675 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2675
Description  LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2675 Datasheet(HTML) 3 Page - Texas Instruments

  LM2675 Datasheet HTML 1Page - Texas Instruments LM2675 Datasheet HTML 2Page - Texas Instruments LM2675 Datasheet HTML 3Page - Texas Instruments LM2675 Datasheet HTML 4Page - Texas Instruments LM2675 Datasheet HTML 5Page - Texas Instruments LM2675 Datasheet HTML 6Page - Texas Instruments LM2675 Datasheet HTML 7Page - Texas Instruments LM2675 Datasheet HTML 8Page - Texas Instruments LM2675 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LM2675
www.ti.com
SNVS129E – MAY 2004 – REVISED JUNE 2005
Absolute Maximum Ratings
(1) (2)
Supply Voltage
45V
ON/OFF Pin Voltage
−0.1V ≤ VSH ≤ 6V
Switch Voltage to Ground
−1V
Boost Pin Voltage
VSW + 8V
Feedback Pin Voltage
−0.3V ≤ VFB ≤ 14V
ESD Susceptibility
Human Body Model(3)
2 kV
Power Dissipation
Internally Limited
Storage Temperature Range
−65°C to +150°C
Lead Temperature
D Package
Vapor Phase (60s)
+215°C
Infrared (15s)
+220°C
P Package (Soldering, 10s)
+260°C
WSON Package (See AN-1187 - SNOA401)
Maximum Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but device parameter specifications may not be ensured under these conditions. For
ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
Supply Voltage
6.5V to 40V
Junction Temperature Range
−40°C ≤ TJ ≤ +125°C
LM2675-3.3 Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with bold type face apply over full Operating
Temperature Range.
Symbol
Parameter
Conditions
Typ(1)
Min(2)
Max(2)
Units
SYSTEM PARAMETERS Test Circuit Figure 22(3)
VOUT
Output Voltage
VIN = 8V to 40V, ILOAD = 20 mA to 1A
3.3
3.251/3.201
3.350/3.399
V
VOUT
Output Voltage
VIN = 6.5V to 40V, ILOAD = 20 mA to 500 mA
3.3
3.251/3.201
3.350/3.399
V
η
Efficiency
VIN = 12V, ILOAD = 1A
86
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2675 is used as shown in Figure 22 and Figure 23 test circuits, system performance will
be as specified by the system parameters section of the Electrical Characteristics.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com