Electronic Components Datasheet Search
  English  ▼

X  

LM2675 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2675
Description  LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2675 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2675 Datasheet HTML 5Page - Texas Instruments LM2675 Datasheet HTML 6Page - Texas Instruments LM2675 Datasheet HTML 7Page - Texas Instruments LM2675 Datasheet HTML 8Page - Texas Instruments LM2675 Datasheet HTML 9Page - Texas Instruments LM2675 Datasheet HTML 10Page - Texas Instruments LM2675 Datasheet HTML 11Page - Texas Instruments LM2675 Datasheet HTML 12Page - Texas Instruments LM2675 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LM2675
www.ti.com
SNVS129E – MAY 2004 – REVISED JUNE 2005
Typical Performance Characteristics
(Circuit of Figure 22)
Continuous Mode Switching Waveforms
Discontinuous Mode Switching Waveforms
VIN = 20V, VOUT = 5V, ILOAD = 1A
VIN = 20V, VOUT = 5V, ILOAD = 300 mA
L = 47
μH, COUT = 68 μF, COUTESR = 50 mΩ
L = 15
μH, COUT = 68 μF (2×), COUTESR = 25 mΩ
A: VSW Pin Voltage, 10 V/div.
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 0.5 A/div
B: Inductor Current, 0.5 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Figure 18. Horizontal Time Base: 1
μs/div
Figure 19. Horizontal Time Base: 1
μs/div
Load Transient Response for Continuous Mode
Load Transient Response for Discontinuous Mode
VIN = 20V, VOUT = 5V, ILOAD = 1A
VIN = 20V, VOUT = 5V,
L = 47
μH, COUT = 68 μF, COUTESR = 50 mΩ
L = 47
μH, COUT = 68 μF, COUTESR = 50 mΩ
A: Output Voltage, 100 mV/div, AC-Coupled.
A: Output Voltage, 100 mV/div, AC-Coupled.
B: Load Current: 200 mA to 1A Load Pulse
B: Load Current: 100 mA to 400 mA Load Pulse
Figure 20. Horizontal Time Base: 50
μs/div
Figure 21. Horizontal Time Base: 200
μs/div
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com