Electronic Components Datasheet Search
  English  ▼

X  

LM2676 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2676
Description  LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2676 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2676 Datasheet HTML 9Page - Texas Instruments LM2676 Datasheet HTML 10Page - Texas Instruments LM2676 Datasheet HTML 11Page - Texas Instruments LM2676 Datasheet HTML 12Page - Texas Instruments LM2676 Datasheet HTML 13Page - Texas Instruments LM2676 Datasheet HTML 14Page - Texas Instruments LM2676 Datasheet HTML 15Page - Texas Instruments LM2676 Datasheet HTML 16Page - Texas Instruments LM2676 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
LM2676
www.ti.com
SNVS031J – APRIL 2000 – REVISED APRIL 2013
A simple test to determine if this condition might exist for a suspect application is to apply a short circuit across
the output of the converter, and then remove the shorted output condition. In an application with properly
selected external components, the output will recover smoothly.
Practical values of external components that have been experimentally found to work well under these specific
operating conditions are COUT = 47µF, L = 22µH. It should be noted that even with these components, for a
device’s current limit of ICLIM, the maximum load current under which the possibility of the large current limit
hysteresis can be minimized is ICLIM/2. For example, if the input is 24V and the set output voltage is 18V, then for
a desired maximum current of 1.5A, the current limit of the chosen switcher must be confirmed to be at least 3A.
Under extreme over-current or short circuit conditions, the LM267X employs frequency foldback in addition to the
current limit. If the cycle-by-cycle inductor current increases above the current limit threshold (due to short circuit
or inductor saturation for example) the switching frequency will be automatically reduced to protect the IC.
Frequency below 100 KHz is typical for an extreme short circuit condition.
SIMPLE DESIGN PROCEDURE
Using the nomographs and tables in this data sheet (or use the available design software at www.ti.com) a
complete step-down regulator can be designed in a few simple steps.
Step 1: Define the power supply operating conditions:
Required output voltage
Maximum DC input voltage
Maximum output load current
Step 2: Set the output voltage by selecting a fixed output LM2676 (3.3V, 5V or 12V applications) or determine
the required feedback resistors for use with the adjustable LM2676
−ADJ
Step 3: Determine the inductor required by using one of the four nomographs, Figure 21 through Figure 24.
Table 1 provides a specific manufacturer and part number for the inductor.
Step 4: Using Table 6 and Table 7 (fixed output voltage) or Table 12 and Table 13 (adjustable output voltage),
determine the output capacitance required for stable operation. Table 3 and Table 4 provide the specific
capacitor type from the manufacturer of choice.
Step 5: Determine an input capacitor from Table 8 or Table 9 for fixed output voltage applications. Use Table 3
or Table 4 to find the specific capacitor type. For adjustable output circuits select a capacitor from Table 3 or
Table 4 with a sufficient working voltage (WV) rating greater than Vin max, and an rms current rating greater than
one-half the maximum load current (2 or more capacitors in parallel may be required).
Step 6: Select a diode from Table 10. The current rating of the diode must be greater than I load max and the
Reverse Voltage rating must be greater than Vin max.
Step 7: Include a 0.01
μF/50V capacitor for Cboost in the design.
FIXED OUTPUT VOLTAGE DESIGN EXAMPLE
A system logic power supply bus of 3.3V is to be generated from a wall adapter which provides an unregulated
DC voltage of 13V to 16V. The maximum load current is 2.5A. Through-hole components are preferred.
Step 1: Operating conditions are:
Vout = 3.3V
Vin max = 16V
Iload max = 2.5A
Step 2: Select an LM2676T-3.3. The output voltage will have a tolerance of
±2% at room temperature and ±3% over the full operating temperature range.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com