Electronic Components Datasheet Search
  English  ▼

X  

LM2676 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2676
Description  LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2676 Datasheet(HTML) 2 Page - Texas Instruments

  LM2676 Datasheet HTML 1Page - Texas Instruments LM2676 Datasheet HTML 2Page - Texas Instruments LM2676 Datasheet HTML 3Page - Texas Instruments LM2676 Datasheet HTML 4Page - Texas Instruments LM2676 Datasheet HTML 5Page - Texas Instruments LM2676 Datasheet HTML 6Page - Texas Instruments LM2676 Datasheet HTML 7Page - Texas Instruments LM2676 Datasheet HTML 8Page - Texas Instruments LM2676 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
1
2
3
4
7
9
10
VSW
CB
*
VIN
5
6
11
12
13
14
VSW
GND
ON/OFF
*
*
*
FB
8
VIN
VSW
DAP**
* No Connections
** Connect to Pin 9 on PCB
*
LM2676
SNVS031J – APRIL 2000 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Figure 1. DDPAK Package (Top View)
Figure 2. TO-220 Package (Top View)
See Package Number KTW0007B
See Package Number NDZ0007B
Figure 3. VSON-14 (Top View)
See Package Number NHM0014A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Supply Voltage
45V
ON/OFF Pin Voltage
−0.1V to 6V
Switch Voltage to Ground(3)
−1V to VIN
Boost Pin Voltage
VSW + 8V
Feedback Pin Voltage
−0.3V to 14V
Power Dissipation
Internally Limited
ESD(4)
2 kV
Storage Temperature Range
−65°C to 150°C
Soldering Temperature
Wave
4 sec, 260°C
Infrared
10 sec, 240°C
Vapor Phase
75 sec, 219°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings indicate conditions under
which of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test condition, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The absolute maximum specification of the 'Switch Voltage to Ground' applies to DC voltage. An extended negative voltage limit of -8V
applies to a pulse of up to 20 ns, -6V of 60 ns and -3V of up to 100 ns.
(4)
ESD was applied using the human-body model, a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com