Electronic Components Datasheet Search
  English  ▼

X  

LM2676 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2676
Description  LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2676 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2676 Datasheet HTML 17Page - Texas Instruments LM2676 Datasheet HTML 18Page - Texas Instruments LM2676 Datasheet HTML 19Page - Texas Instruments LM2676 Datasheet HTML 20Page - Texas Instruments LM2676 Datasheet HTML 21Page - Texas Instruments LM2676 Datasheet HTML 22Page - Texas Instruments LM2676 Datasheet HTML 23Page - Texas Instruments LM2676 Datasheet HTML 24Page - Texas Instruments LM2676 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
LM2676
www.ti.com
SNVS031J – APRIL 2000 – REVISED APRIL 2013
Table 8. Input Capacitors for Fixed Output Voltage Application—Surface Mount(1)(2)(3)
Surface Mount
Output Voltage
Inductance (µH)
AVX TPS Series
Sprague 594D Series
Kemet T495 Series
(V)
No.
C Code
No.
C Code
No.
C Code
10
2
C5
1
C7
2
C8
15
3
C9
1
C10
3
C10
3.3
22
See(4)
See(4)
2
C13
3
C12
33
See(4)
See(4)
2
C13
2
C12
10
2
C5
1
C7
2
C8
15
2
C5
1
C7
2
C8
5
22
3
C10
2
C12
3
C11
33
See(4)
See(4)
2
C13
3
C12
47
See(4)
See(4)
1
C13
2
C12
10
2
C7
2
C10
2
C7
15
2
C7
2
C10
2
C7
22
3
C10
2
C12
3
C10
12
33
3
C10
2
C12
3
C10
47
See(4)
See(4)
2
C13
3
C12
68
See(4)
See(4)
2
C13
2
C12
100
See(4)
See(4)
1
C13
2
C12
(1)
Assumes worst case maximum input voltage and load current for a given inductance value
(2)
No. represents the number of identical capacitor types to be connected in parallel
(3)
C Code indicates the Capacitor Reference number in Table 3 and Table 4 for identifying the specific component from the manufacturer.
(4)
Check voltage rating of capacitors to be greater than application input voltage.
Table 9. Input Capacitors for Fixed Output Voltage Application—Through Hole(1)(2)(3)
Through Hole
Output
Inductance
Sanyo OS-CON SA
Sanyo MV-GX Series
Nichicon PL Series
Panasonic HFQ Series
Voltage (V)
(µH)
Series
No.
C Code
No.
C Code
No.
C Code
No.
C Code
10
1
C7
2
C4
1
C5
1
C6
15
1
C10
1
C10
1
C18
1
C6
3.3
22
See(4)
See(4)
1
C14
1
C24
1
C13
33
See(4)
See(4)
1
C12
1
C20
1
C12
10
1
C7
2
C4
1
C14
1
C6
15
1
C7
2
C4
1
C14
1
C6
5
22
See(4)
See(4)
1
C10
1
C18
1
C13
33
See(4)
See(4)
1
C14
1
C23
1
C13
47
See(4)
See(4)
1
C12
1
C20
1
C12
10
1
C9
1
C10
1
C18
1
C6
15
1
C10
1
C10
1
C18
1
C6
22
1
C10
1
C10
1
C18
1
C6
12
33
See(4)
See(4)
1
C10
1
C18
1
C6
47
See(4)
See(4)
1
C13
1
C23
1
C13
68
See(4)
See(4)
1
C12
1
C21
1
C12
100
See(4)
See(4)
1
C11
1
C22
1
C11
(1)
Assumes worst case maximum input voltage and load current for a given inductance value
(2)
No. represents the number of identical capacitor types to be connected in parallel
(3)
C Code indicates the Capacitor Reference number in Table 3 and Table 4 for identifying the specific component from the manufacturer.
(4)
Check voltage rating of capacitors to be greater than application input voltage.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com