Electronic Components Datasheet Search
  English  ▼

X  

LM3701 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3701
Description  LM3700/LM3701 Microprocessor Supervisory Circuit with Low Line Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3701 Datasheet(HTML) 4 Page - Texas Instruments

  LM3701 Datasheet HTML 1Page - Texas Instruments LM3701 Datasheet HTML 2Page - Texas Instruments LM3701 Datasheet HTML 3Page - Texas Instruments LM3701 Datasheet HTML 4Page - Texas Instruments LM3701 Datasheet HTML 5Page - Texas Instruments LM3701 Datasheet HTML 6Page - Texas Instruments LM3701 Datasheet HTML 7Page - Texas Instruments LM3701 Datasheet HTML 8Page - Texas Instruments LM3701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OBSOLETE
LM3700, LM3701
SNVS146E – NOVEMBER 2000 – REVISED APRIL 2013
www.ti.com
LM3700/LM3701 SERIES ELECTRICAL CHARACTERISTICS (continued)
Limits in the standard typeface are for TJ = 25°C and limits in boldface type apply over full operating range. Unless otherwise
specified: VCC = +2.2V to 5.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RESET (LM3701)
VOL
RESET
VCC > 2.25V, ISINK = 900µA
0.3
VCC > 2.7V, ISINK = 1.2mA
0.3
V
VCC > 4.5V, ISINK = 3.2mA
0.4
VOH
RESET
VCC > 1.2V, ISOURCE = 50µA
0.8 VCC
VCC > 1.8V, ISOURCE = 150µA
0.8 VCC
VCC > 2.25V, ISOURCE = 300µA
0.8 VCC
V
VCC > 2.7V, ISOURCE = 500µA
0.8 VCC
VCC > 4.5V, ISOURCE = 800µA
VCC − 1.5V
ILKG
Output Leakage Current
VRESET = 5.5V
1.0
µA
RESET (LM3700)
VOL
RESET
VCC > 1.0V, ISINK = 50µA
0.3
VCC > 1.2V, ISINK = 100µA
0.3
VCC > 2.25V, ISINK = 900µA
0.3
VCC > 2.7V, ISINK = 1.2mA
0.3
V
VCC > 4.5V, ISINK = 3.2mA
0.4
VOH
RESET
VCC > 2.25V, ISOURCE = 300µA
0.8 VCC
VCC > 2.7V, ISOURCE = 500µA
0.8 VCC
VCC > 4.5V, ISOURCE = 800µA
VCC − 1.5V
LLO
VOL
LLO Output Voltage
VCC > 2.25V, ISINK = 900µA
0.3
VCC > 2.7V, ISINK = 1.2mA
0.3
VCC > 4.5V, ISINK = 3.2mA
0.4
V
VOH
VCC > 2.25V, ISOURCE = 300µA
0.8 VCC
VCC > 2.7V, ISOURCE = 500µA
0.8 VCC
VCC > 4.5V, ISOURCE = 800µA
VCC − 1.5V
LLO OUTPUT
VLLOT
LLO Output Threshold
1.01•VRST
1.02•VRST
1.03•VRST
V
(VLLO − VRST, VCC falling)
VLLOTH
Low-Line Comparator
0.0032•VRST
mV
Hysteresis
tCD
Low-Line Comparator Delay
VCC falling at 1mV/µs
20
µs
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3700 LM3701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com