Electronic Components Datasheet Search
  English  ▼

X  

LM3701 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3701
Description  LM3700/LM3701 Microprocessor Supervisory Circuit with Low Line Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3701 Datasheet(HTML) 3 Page - Texas Instruments

  LM3701 Datasheet HTML 1Page - Texas Instruments LM3701 Datasheet HTML 2Page - Texas Instruments LM3701 Datasheet HTML 3Page - Texas Instruments LM3701 Datasheet HTML 4Page - Texas Instruments LM3701 Datasheet HTML 5Page - Texas Instruments LM3701 Datasheet HTML 6Page - Texas Instruments LM3701 Datasheet HTML 7Page - Texas Instruments LM3701 Datasheet HTML 8Page - Texas Instruments LM3701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
spacer
OBSOLETE
LM3700, LM3701
www.ti.com
SNVS146E – NOVEMBER 2000 – REVISED APRIL 2013
Table 2. Table Of Functions
Output
Active Low
Active High
Part Number
(X = totem-pole)
Reset Timeout Period
Low Line Output
Reset
Reset
(Y = open-drain)
LM3700
x
X, Y(1)
Customized
x
LM3701
x
X
Customized
x
(1)
= available upon request. Contact TI
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
−0.3V to 6.0V
All Other Inputs
−0.3V to VCC + 0.3V
ESD Ratings(3)
Human Body Model
1.5kV
Machine Model
150V
Power Dissipation
See(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed conditions.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The Human Body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin.
(4)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJ-A, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperture is calculated
using:
Where the value of
θJ-A for the micro SMD package is 220°C/W.
OPERATING RATINGS
(1)
Temperature Range
−40°C ≤ TJ ≤ 85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed conditions.
LM3700/LM3701 SERIES ELECTRICAL CHARACTERISTICS
Limits in the standard typeface are for TJ = 25°C and limits in boldface type apply over full operating range. Unless otherwise
specified: VCC = +2.2V to 5.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER SUPPLY
VCC
Operating Voltage Range: VCC LM3700
1.0
5.5
V
LM3701
1.2
5.5
ICC
VCC Supply Current
All inputs = VCC; all outputs floating
28
50
µA
RESET THRESHOLD
VRST
Reset Threshold
VCC falling
−0.5
+0.5
−2
+2
VRST
%
VCC falling: TA = 0°C to 70°C
−1.5
+1.5
VRSTH
Reset Threshold Hysteresis
0.0032•VRST
mV
tRP
Reset Timeout Period
Reset Timeout Period = A
1
1.4
2
Reset Timeout Period = B
20
28
40
ms
Reset Timeout Period = C
140
200
280
Reset Timeout Period = D
1120
1600
2240
tRD
VCCto Reset Delay
VCC falling at 1mV/µs
20
µs
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3700 LM3701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com