Electronic Components Datasheet Search
  English  ▼

X  

LM3701 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3701
Description  LM3700/LM3701 Microprocessor Supervisory Circuit with Low Line Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3701 Datasheet(HTML) 2 Page - Texas Instruments

  LM3701 Datasheet HTML 1Page - Texas Instruments LM3701 Datasheet HTML 2Page - Texas Instruments LM3701 Datasheet HTML 3Page - Texas Instruments LM3701 Datasheet HTML 4Page - Texas Instruments LM3701 Datasheet HTML 5Page - Texas Instruments LM3701 Datasheet HTML 6Page - Texas Instruments LM3701 Datasheet HTML 7Page - Texas Instruments LM3701 Datasheet HTML 8Page - Texas Instruments LM3701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VCC
1.225V
Reference
Reset Logic
& One-Shot
Timer
Reset Comparator
Low Line Comparator
+
LLO
RESET/RESET
-
+
-
Reset
VCC
GND
NC
NC
LLO
NC
NC
NC
C
B
A
1
2
3
OBSOLETE
LM3700, LM3701
SNVS146E – NOVEMBER 2000 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. Top View (looking from the coating side)
micro SMD 9 Bump Package
BPA09
Table 1. PIN DESCRIPTIONS
Bump No.
Name
Function
B1
VCC
Power Supply input.
C1
RESET
Reset Logic Output. Pulses low for tRP (Reset Timeout Period) when triggered, and stays low
whenever VCC is below the reset threshold or when MR is below VMRT. It remains low for tRP
after either VCC rises above the reset threshold, or after MR input rises above VMRT (LM3700
only).
RESET
Reset Logic Output. RESET is the inverse of RESET (LM3701 only).
C3
LLO
Low-Line Logic Output. Early Power-Fail warning output. Low when VCC falls below VLLOT (Low-
Line Output Threshold). This output can be used to generate an NMI (Non-Maskable Interrupt) to
provide an early warning of imminent power-failure.
B3
GND
Ground reference for all signals.
A1, A2, A3, C2
NC
No Connect.
B2
NC
No Connect. Test input used at factory only. Leave floating.
Block Diagram
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3700 LM3701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com