Electronic Components Datasheet Search
  English  ▼

X  

LM3880 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3880
Description  LM3880/LM3880Q-1 Power Sequencer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3880 Datasheet(HTML) 4 Page - Texas Instruments

  LM3880 Datasheet HTML 1Page - Texas Instruments LM3880 Datasheet HTML 2Page - Texas Instruments LM3880 Datasheet HTML 3Page - Texas Instruments LM3880 Datasheet HTML 4Page - Texas Instruments LM3880 Datasheet HTML 5Page - Texas Instruments LM3880 Datasheet HTML 6Page - Texas Instruments LM3880 Datasheet HTML 7Page - Texas Instruments LM3880 Datasheet HTML 8Page - Texas Instruments LM3880 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM3880, LM3880Q-1
SNVS451I – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those in bold face type apply over the full Operating Temperature
Range (TJ = -40°C to +125°C). Minimum and Maximum limits are specified through test, design or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C and are provided for reference purposes only. VCC =
3.3V, and limits apply to all timing options, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
(1)
(2)
(1)
Timing Delay Error
(td(x) – 400 µs) / td(x+1) Ratio of timing delays
For x = 1 or 4
95
105
%
For x = 1 or 4, 2ms option
90
110
td(x) / td(x+1)
Ratio of timing delays
For x = 2 or 5
95
105
%
For x = 2 or 5, 2ms option
90
110
ENABLE Pin
VEN
EN pin threshold
1.0
1.25
1.4
V
IEN
EN pin pull-up current
VEN = 0V
7
µA
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3880 LM3880Q-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com