Electronic Components Datasheet Search
  English  ▼

X  

LM3880 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3880
Description  LM3880/LM3880Q-1 Power Sequencer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3880 Datasheet(HTML) 3 Page - Texas Instruments

  LM3880 Datasheet HTML 1Page - Texas Instruments LM3880 Datasheet HTML 2Page - Texas Instruments LM3880 Datasheet HTML 3Page - Texas Instruments LM3880 Datasheet HTML 4Page - Texas Instruments LM3880 Datasheet HTML 5Page - Texas Instruments LM3880 Datasheet HTML 6Page - Texas Instruments LM3880 Datasheet HTML 7Page - Texas Instruments LM3880 Datasheet HTML 8Page - Texas Instruments LM3880 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM3880, LM3880Q-1
www.ti.com
SNVS451I – AUGUST 2006 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
VCC
−0.3V to +6.0V
EN, FLAG1, FLAG2, FLAG3
−0.3V to 6.0V
Max Flag 'ON' Current
50 mA
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Lead Temperature (Soldering, 5 sec.)
260°C
Minimum ESD Rating
±2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
Operating Ratings
(1)
VCC to GND
2.7V to 5.5V
EN, FLAG1, FLAG2, FLAG3
−0.3V to VCC + 0.3V
Junction Temperature
−40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those in bold face type apply over the full Operating Temperature
Range (TJ = -40°C to +125°C). Minimum and Maximum limits are specified through test, design or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C and are provided for reference purposes only. VCC =
3.3V, and limits apply to all timing options, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
(1)
(2)
(1)
IQ
Operating Quiescent current
25
80
µA
Open Drain Flags
IFLAG
FLAGx Leakage Current
VFLAGx = 3.3V
1
20
nA
VOL
FLAGx Output Voltage Low
IFLAGx = 1.2mA
0.4
V
Power Up Sequence
td1
Timer delay 1 accuracy
-15
15
%
2ms Timing Option
-20
20
td2
Timer delay 2 accuracy
-15
15
%
2ms Timing Option
-20
20
td3
Timer delay 3 accuracy
-15
15
%
2ms Timing Option
-20
20
Power Down Sequence
td4
Timer delay 4 accuracy
-15
15
%
2ms Timing Option
-20
20
td5
Timer delay 5 accuracy
-15
15
%
2ms Timing Option
-20
20
td6
Timer delay 6 accuracy
-15
15
%
2ms Timing Option
-20
20
(1)
Limits are 100% production tested at 25°. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3880 LM3880Q-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com