Electronic Components Datasheet Search
  English  ▼

X  

LM3880 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3880
Description  LM3880/LM3880Q-1 Power Sequencer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3880 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3880 Datasheet HTML 5Page - Texas Instruments LM3880 Datasheet HTML 6Page - Texas Instruments LM3880 Datasheet HTML 7Page - Texas Instruments LM3880 Datasheet HTML 8Page - Texas Instruments LM3880 Datasheet HTML 9Page - Texas Instruments LM3880 Datasheet HTML 10Page - Texas Instruments LM3880 Datasheet HTML 11Page - Texas Instruments LM3880 Datasheet HTML 12Page - Texas Instruments LM3880 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
tenable_delay =
1.25V x CEN
7 PA
1.25V
-
+
7 PA
Enable
CEN
EN
LM3880, LM3880Q-1
www.ti.com
SNVS451I – AUGUST 2006 – REVISED MARCH 2013
APPLICATION INFORMATION
OVERVIEW
The LM3880 Power Sequencer provides an easy solution for sequencing multiple rails in a controlled manner.
Six independent timers are integrated to control the timing sequence (power up and power down) of three open
drain output flags. These flags permit connection to either a shutdown / enable pin of linear regulators and
switchers to control the power supplies’ operation. This allows a complete power system to be designed without
worrying about large in-rush currents or latch-up conditions that can occur.
The timing sequence of the LM3880 is controlled entirely by the enable (EN) pin. Upon power up, all the flags
are held low until this precision enable is pulled high. After the EN pin is asserted, the power up sequence will
commence. An internal counter will delay the first flag (FLAG1) from rising until a fixed time period has expired.
Upon the release of the first flag another timer will begin to delay the release of the second flag (FLAG2). This
process repeats until all three flags have sequentially been released. The three timers that control the delays are
all independent of each other and can be individually programmed if needed. (See CUSTOM SEQUENCER
section).
The power down sequence is the same as power-up, but in reverse. When EN pin is de-asserted a timer will
begin that delays the third flag (FLAG3) from pulling low. The second and first flag will then follow in a sequential
manner after their appropriate delays. The three timers that are used to control the power down scheme can also
be individually programmed and are completely independent of the power up timers.
Additional sequence patterns are also available in addition to customizable timers. For more information see the
CUSTOM SEQUENCER section.
PART OPERATION
The timing sequence of the LM3880 is controlled by the assertion of the enable signal. The enable pin is
designed with an internal comparator, referenced to a bandgap voltage (1.25V), to provide a precision threshold.
This allows a delayed timing to be externally set using a capacitor or to start the sequencing based on a certain
event, such as a line voltage reaching 90% of nominal. For an additional delayed sequence from the rail
powering VCC, simply attach a capacitor to the EN pin as shown below.
Figure 13. Cap Timing
Using the internal pull-up current source to charge the external capacitor (CEN) the enable pin delay can be
calculated by the equation below:
(1)
A resistor divider can also be used to enable the LM3880 based on a certain voltage threshold. Care needs to be
taken when sizing the resistor divider to include the effects of the internal current source.
One of the features of the enable pin is that it provides glitch free operation. The first timer will start counting at a
rising threshold, but will always reset if the enable pin is de-asserted before the first output flag is released. This
can be shown in the timing diagram below:
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3880 LM3880Q-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com