Electronic Components Datasheet Search
  English  ▼

X  

TMS320 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 33Page - Texas Instruments TMS320 Datasheet HTML 34Page - Texas Instruments TMS320 Datasheet HTML 35Page - Texas Instruments TMS320 Datasheet HTML 36Page - Texas Instruments TMS320 Datasheet HTML 37Page - Texas Instruments TMS320 Datasheet HTML 38Page - Texas Instruments TMS320 Datasheet HTML 39Page - Texas Instruments TMS320 Datasheet HTML 40Page - Texas Instruments TMS320 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
TMS320C25 50
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
37
MEMORY AND PERIPHERAL INTERFACE TIMING
switching characteristics over recommended operating conditions (see Note 3)
PARAMETER
MIN
TYP
MAX
UNIT
td(C1-S)
STRB from CLKOUT (if STRB is present)
Q-- 5
Q+ 3
ns
td(C2-S)
CLKOUT2 to STRB (if STRB is present)
-- 2
5
ns
tsu(A)
Address setup time before STRB low(seeNote5)
Q -- 11
ns
tn(A)
Address hold time after STRB high (see Note 5)
Q-- 4
ns
tw(SL)
STRB low pulse duration (no wait states, see Note 6)
2Q -- 5
2Q + 2
ns
tw(SH)
STRB high pulse duration (between consecutive cycles, see Note 6)
2Q -- 2
2Q + 5†
ns
tsu(D)W
Data write setup time before STRB high (no wait)
2Q -- 17
ns
th(D)W
Data writeholdtimefromSTRB high
Q-- 5
ns
ten(D)
Data bus starts being driven after STRB low (write)
0†
ns
tdis(D)
Data bus high-impedance state after STRB high, (write)
Q
Q+ 15†
ns
td(MSC)
MSC valid from CLKOUT1
--1
9
ns
† Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4 tc(C)
5. A15-A0, PS,DS,IS,R/W, and BR timings are all included in timings referenced as “address”.
6. Delay between CLKOUT1, CLKOUT2, and STRB edges track each other, resulting in tw(SL) and tw(SH) being 2Q with no wait states.
timing requirements over recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
ta(A)
Read data access time from address time (see Notes 5 and 7)
3Q -- 30
ns
tsu(D)R
Data read setup time before STRB high
19
ns
th(D)R
Data read hold time from STRB high
0
ns
td(SL-R)
READY valid after STRB low (no wait states)
Q-- 21
ns
td(C2H-R)
READY valid after CLKOUT2 high
Q-- 21
ns
th(SL-R)
READYholdtimeafterSTRB low (no wait states)
Q-- 1
ns
th(C2H-R)
READY valid after CLKOUT2 high
Q-- 1
ns
td(M-R)
READY valid after MSC valid
2Q -- 24
ns
th(M-R)
READY hold time after MSC valid
0
ns
NOTES: 3. Q = 1/4 tc(C)
5. A15-A0, PS,DS,IS,R/W, and BR timings are all included in timings referenced as “address”.
7. Read data access time is defined as ta(A) =tsu(A) +tw(SL) -- tsu(D)R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com