Electronic Components Datasheet Search
  English  ▼

X  

TMS320 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 11Page - Texas Instruments TMS320 Datasheet HTML 12Page - Texas Instruments TMS320 Datasheet HTML 13Page - Texas Instruments TMS320 Datasheet HTML 14Page - Texas Instruments TMS320 Datasheet HTML 15Page - Texas Instruments TMS320 Datasheet HTML 16Page - Texas Instruments TMS320 Datasheet HTML 17Page - Texas Instruments TMS320 Datasheet HTML 18Page - Texas Instruments TMS320 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
NO.
WORDS
DESCRIPTION
INSTRUCTION BIT CODE
MNEMONIC
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
NO.
WORDS
DESCRIPTION
INSTRUCTION BIT CODE
MNEMONIC
D
D
D
D
D
D
D
PA
PA
TMS320 SECOND GENERATION
DIGITAL SIGNAL PROCESSORS
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
15
Table 3. TMS320C25 Instruction Set Summary (continued)
BRANCH/CALL INSTRUCTIONS
15 14 13 12 11 10 9
8 7
6 5
4 3
2 1
0
B
Branch unconditionally
2
1
1
1
1
1
1
1
1 1
BACC†
Branch to address specified by accumulator
1
1
10
011
1
0 0
0 1
0 0
1 0
1
BANZ
Branch on auxiliary register not zero
2
1
11
110
1
1 1
BBNZ†
Branch if TC bit  02
1
11
110
0
1 1
BBZ†
Branch if TC bit = 0
2
1
11
110
0
0 1
BC‡
Branchoncarry
2
0
10
111
1
0 1
BGEZ
Branch if accumulator  02
1
11
101
0
0 1
BGZ
Branch if accumulator > 0
2
1
11
100
0
1 1
BIOZ
Branch on I/O status = 0
2
1
11
110
1
0 1
BLEZ
Branch if accumulator  02
1
11
100
1
0 1
BLZ
Branch if accumulator < 0
2
1
11
100
1
1 1
BNC‡
Branchonnocarry
2
0
10
111
1
1 1
BNV†
Branchifnooverflow
2
1
11
101
1
1 1
BNZ
Branch if accumulator  02
1
11
101
0
1 1
BV
Branchonoverflow
2
1
11
100
0
0 1
BZ
Branch if accumulator = 0
2
1
11
101
1
0 1
CALA
Call subroutine indirect
1
1
10
011
1
0 0
0 1
0 0
1 0
0
CALL
Call subroutine
2
1
11
111
1
0 1
RET
Return from subroutine
1
1
10
011
1
0 0
0 1
0 0
1 1
0
I/O AND DATA MEMORY OPERATIONS
15 14 13 12 11 10 9
8 7
6 5
4 3
2 1
0
BLKD†
Block move from data memory to data memory
2
1
1
1
0
1
1
0
1
I
BLKP†
Block move from program memory to data
memory
2
1
11
111
0
0
I
DMOV
Data move in data memory
1
0
10
101
1
0
I
FORT†
Format serial port registers
1
1
10
011
1
0 0
0 0
0 1
1 1 FO
IN
Input data from port
1
1
00
0
I
OUT
Output data to port
1
1
11
0
I
RFSM‡ Reset serial port frame synchronization mode
1
1
10
011
1
0 0
0 1
1 0
1 1
0
RTXM†
Reset serial port transmit mode
1
1
10
011
1
0 0
0 1
0 0
0 0
0
RXF†
Reset external flag
1
1
10
011
1
0 0
0 0
0 1
1 0
0
SFSM‡
Set serial port frame synchronization mode
1
1
10
011
1
0 0
0 1
1 0
1 1
1
STXM†
Set serial port transmit mode
1
1
10
011
1
0 0
0 1
0 0
0 0
1
SXF†
Set external flag
1
1
10
011
1
0 0
0 0
0 1
1 0
1
TBLR
Table read
1
0
10
110
0
0
I
TBLW
Table write
1
0
1
0
1
1
0
0
1
I
† These instructions are not included in the TMS320C1x instruction set.
‡ These instructions are not included in the TMS32020 instruction set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com