Electronic Components Datasheet Search
  English  ▼

X  

TMS320 Datasheet(PDF) 57 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 53Page - Texas Instruments TMS320 Datasheet HTML 54Page - Texas Instruments TMS320 Datasheet HTML 55Page - Texas Instruments TMS320 Datasheet HTML 56Page - Texas Instruments TMS320 Datasheet HTML 57Page - Texas Instruments TMS320 Datasheet HTML 58Page - Texas Instruments TMS320 Datasheet HTML 59Page - Texas Instruments TMS320 Datasheet HTML 60Page - Texas Instruments TMS320 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
RJA
Junction-to-free-air
thermal resistance
49
C/W
RJC
Junction-to-case
thermal resistance
8
C/W
PARAMETER
MAX
UNIT
Thermal Resistance Characteristics
(see Note 1)
A
(see Note 2)
B
B
A
(see Note 2)
1,02 (0.040)  45
0,64 (0.025)
R
Max
3 Places
1,27 (0.050) Typ
(see Note 3)
C
(At Seating
Plane)
3,05 (0.120)
2,29 (0.090)
4,57 (0.180)
3,94 (0.155)
3,55 (0.140)
3,05 (0.120)
0,51 (0.020)
0,36 (0.014)
0,81 (0.032)
0,66 (0.026)
1,016 (0.040) Min
Ref
Seating Plane
(see Note 4)
JEDEC
OUTLINE
NO. OF
TERMINALS
TMS320E25
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
57
MECHANICAL DATA
68-lead FZ CER-QUAD, ceramic leaded chip carrier package (TMS320E25 only)
This hermetically-sealed chip carrier package consists of a ceramic base, ceramic cap, and a 68-lead frame.
Hermetic sealing is accomplished with glass. The FZ package is intended for both socket- or surface- mounting.
Having a Sn/Pb ratio of 60/40, the tin/lead-coated leads do not require special cleaning or processing
when being surface-mounted.
A
B
C
MIN
MAX
MIN
MAX
MIN
MAX
MO-087AA
28
12,32
(0.485)
12,57
(0.465)
10,92
(0.430)
11,56
(0.455)
10,41
(0.410)
10,92
(0.430)
MO-087AB
44
17,40
(0.685)
17,65
(0.695)
16,00
(0.630)
16,64
(0.655)
15,49
(0.610)
16,00
(0.630)
------
68
25,02
(0.985)
25,27
(0.995)
23,62
(0.930)
24,26
(0.955)
23,11
(0.910)
23,62
(0.930)
NOTES: 1. Glass is optional, and the diameter is dependent on device application.
2. Centerline of center pin, each side, is within 0,10 (0.004) of package centerline as determined by dimension B.
3. Location of each pin is within 0,127 (0.005) of true position with respect to center pin on each side.
4. The lead contact points are within 0,15 (0.006) of being planar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com