Electronic Components Datasheet Search
  English  ▼

X  

TPS40054PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40054PWPR
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40054PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS40054PWPR Datasheet HTML 9Page - Texas Instruments TPS40054PWPR Datasheet HTML 10Page - Texas Instruments TPS40054PWPR Datasheet HTML 11Page - Texas Instruments TPS40054PWPR Datasheet HTML 12Page - Texas Instruments TPS40054PWPR Datasheet HTML 13Page - Texas Instruments TPS40054PWPR Datasheet HTML 14Page - Texas Instruments TPS40054PWPR Datasheet HTML 15Page - Texas Instruments TPS40054PWPR Datasheet HTML 16Page - Texas Instruments TPS40054PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
( )
SS / SD
SS / SD
START
FB
I
C
t
F
V
æ
ö
=
´
ç
÷
è
ø
t
START w 2
p
L
C
O
(seconds)
TPS40054
TPS40055
TPS40057
www.ti.com
SLUS593H – DECEMBER 2003 – REVISED JULY 2012
PROGRAMMING SOFT START
The TPS4005x uses a closed-loop soft-start system to ensure a controlled ramp of the output during startup. The
reference voltage used for the startup is derived in the following manner. A capacitor (CSS/SD) is connected to the
SS/SD pin. There is a ramped voltage generated at this pin by charging CSS/SD with a current source. A value of
0.85 V is subtracted from the voltage at the SS/SSD pin and is applied to a non-inverting input of the error
amplifier. This is the effective soft-start ramp voltage, VSSRMP. The error amplifier also has the 0.7-V reference
(VFB) voltage applied to a non-inverting input. The structure of the error amplifier input stage is such that the
lower of VFB or VSSRMP becomes the dominant voltage that the error amplifier uses to regulate the FB pin. This
provides a clean, closed-loop startup while VSSRMP is lower than VFB and a precision reference regulated supply
as VSSRMP climbs above VFB. To ensure a controlled ramp-up of the output voltage, the soft-start time should be
greater than the L-CO time constant as described in Equation 12.
where
•
tSTART is the startup ramp time in s
(12)
There is a direct correlation between tSTART and the input current required during start-up. The faster tSTART, the
higher the input current required during start-up. This relationship is described in more detail in the section titled,
Programming the Current Limit which follows. The soft-start capacitance, CSS/SD, is described in Equation 13.
For applications in which the VIN supply ramps up slowly (typically between 50 ms and 100 ms), it may be
necessary to increase the soft-start time to between approximately 2 ms and 5 ms to prevent nuisance UVLO
tripping. The soft-start time should be longer than the time that the VIN supply transitions between 6 V and 7 V.
where
•
ISS/SD is the soft-start charge current (typical value is 2.35 μA)
•
VFB is the feedback reference voltage (typical value is 0.7 V)
(13)
Copyright © 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS40054 TPS40055 TPS40057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com