Electronic Components Datasheet Search
  English  ▼

X  

TSB81BA3EPFP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3EPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB81BA3EPFP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSB81BA3EPFP Datasheet HTML 35Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 36Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 37Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 38Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 39Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 40Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 41Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 42Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
PCLK
(a)
(c)
(b)
CTL0, CTL1
D0–D7
LREQ
LPS
tLPS_RESET
(d)
tLPS_DISABLE
TSB81BA3E
www.ti.com
SLLS783A – MAY 2009 – REVISED MAY 2010
When the interface is disabled, the PHY enters a low-power state if none of its ports are active.
Figure 18. Interface Disable
The sequence of events for disabling the PHY-LLC is as follows:
a. Normal operation. Interface is operating normally, with LPS active, PCLK active, status and packet data
reception and transmission via the CTL and D lines, and request activity via the LREQ line.
b. LPS deasserted. The LLC deasserts the LPS signal and, within 1 s, terminates any request or interface bus
activity, places its CTL and D outputs into a high-impedance state, and drives its LREQ output low.
c. Interface reset. After tLPS_RESET time, the PHY determines that LPS is inactive, terminates any interface bus
activity, and drives its CTL and D outputs low. The PHY-LLC interface is now in the reset state.
d. Interface disabled. If the LPS signal remains inactive for tLPS_DISABLE time, then the PHY terminates PCLK
activity by driving the PCLK output low. The PHY-LLC interface is now in the disabled state.
After the interface has been reset, or reset and then disabled, the interface is initialized and restored to normal
operation when LPS is reasserted by the LLC. Figure 19 shows the timing for interface initialization.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TSB81BA3E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com