Electronic Components Datasheet Search
  English  ▼

X  

TSB81BA3EPFP Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3EPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB81BA3EPFP Datasheet(HTML) 49 Page - Texas Instruments

Back Button TSB81BA3EPFP Datasheet HTML 45Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 46Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 47Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 48Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 49Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 50Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 51Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 52Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
GT = grant type
LR = link request type
d0−dn = packet data
PHY D[0:7]
PHY CTL[0:1]
00
11
00
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
00
GT
00
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
LLC D[0:7]
LLC CTL[0:1]
ZZ
ZZ
ZZ
ZZ
ZZ
11
01
01
11
ZZ
ZZ
ZZ
ZZ
ZZ
00
d0
d1
00
PHY D[0:7]
PHY CTL[0:1]
ZZ
ZZ
ZZ
ZZ
ZZ
00
00
00
LLC D[0:7]
LLC CTL[0:1]
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
00
00
00
ZZ
01
01
11
00
ZZ
ZZ
ZZ
ZZ
ZZ
dn−1
dn
LR
00
ZZ
ZZ
ZZ
ZZ
ZZ
TSB81BA3E
www.ti.com
SLLS783A – MAY 2009 – REVISED MAY 2010
Figure 27. Transmit Packet Timing With Optional Link Request
The hold state asserted at the end of packet transmission allows the LLC to make an additional link request for
packet transmission and/or to notify the PHY that the packet marks the end of a subaction. The link requests
allowed after packet transmission are listed in Table 36 (note that the link request types allowed during this
period are a subset of all of the allowed types of link requests—see Table 25). The associated speed codes and
packet format are listed in Table 36 and Table 37, respectively. If the LLC requests to send an additional packet,
then the PHY does not necessarily have to grant the request. If the LLC is notifying the PHY of the end of a
subaction, then the LLC sets D4 during the hold state at the end of packet transmission.
Table 36. Link Request Type Encoding During Packet
Transmission
D1D3
REQUEST TYPE
000
No request
001
Isoch_Req_Odd
010
Isoch_Req_Even
011
Current
100
Next_Even
101
Next_Odd
110
Cyc_Start_Req
111
Reserved
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): TSB81BA3E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com