Electronic Components Datasheet Search
  English  ▼

X  

AD5310 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5310
Description  2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5310 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5310 Datasheet HTML 8Page - Analog Devices AD5310 Datasheet HTML 9Page - Analog Devices AD5310 Datasheet HTML 10Page - Analog Devices AD5310 Datasheet HTML 11Page - Analog Devices AD5310 Datasheet HTML 12Page - Analog Devices AD5310 Datasheet HTML 13Page - Analog Devices AD5310 Datasheet HTML 14Page - Analog Devices AD5310 Datasheet HTML 15Page - Analog Devices AD5310 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD5310
Data Sheet
Rev. B | Page 14 of 16
APPLICATIONS INFORMATION
USING REF19x AS A POWER SUPPLY FOR AD5310
Because the supply current required by the AD5310 is extremely
low, an alternative option is to use a REF19x voltage reference
(REF195 for 5 V or REF193 for 3 V) to supply the required voltage
to the part (see Figure 32). This is especially useful if the power
supply is quite noisy or if the system supply voltages are at some
value other than 5 V or 3 V (for example, 15 V). The REF19x
outputs a steady supply voltage for the AD5310. If the low dropout
REF195 is used, the current that it needs to supply to the AD5310
is 140 µA. This is with no load on the output of the DAC. When
the DAC output is loaded, the REF195 also needs to supply the
current to the load. The total current required (with a 5 kΩ load
on the DAC output) is
140 µA + (5 V/5 kΩ) = 1.14 mA
The load regulation of the REF195 is typically 2 ppm/mA, which
results in an error of 2.3 ppm (11.5 µV) for the 1.14 mA current
drawn from it. This corresponds to a 0.002 LSB error.
Figure 32. REF195 as Power Supply to AD5310
BIPOLAR OPERATION USING THE AD5310
The AD5310 is designed for single-supply operation but a bipolar
output range is also possible using the circuit shown in Figure 33.
This circuit results in an output voltage range of ±5 V. Rail-to-rail
operation at the amplifier output is achievable using an AD820
or an OP295 as the output amplifier. The output voltage for any
input code can be calculated as follows:


×
−
+
×
×
=
R1
R2
V
R1
R2
R1
D
V
V
DD
DD
O
1024
where D represents the input code in decimal (0 to 1023).
With VDD = 5 V, R1 = R2 = 10 kΩ,
V
5
1024
10
−
 ×
=
D
VO
This is an output voltage range of ±5 V, with 000 hex corresponding
to a −5 V output and 3FF hex corresponding to a +5 V output.
Figure 33. Bipolar Operation with the AD5310
USING AD5310 WITH AN OPTO-ISOLATED
INTERFACE
In process control applications in industrial environments, it is
often necessary to use an opto-isolated interface to protect and
isolate the controlling circuitry from any hazardous common-
mode voltages that may occur in the area where the DAC is
functioning. Opto-isolators provide isolation in excess of 3 kV.
Because the AD5310 uses a 3-wire serial logic interface, it only
requires three opto-isolators to provide the required isolation
(see Figure 34). The power supply to the part also needs to be
isolated. This is done by using a transformer. On the DAC side
of the transformer, a 5 V regulator provides the 5 V supply required
for the AD5310.
Figure 34. AD5310 with an Opto-Isolated Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com