Electronic Components Datasheet Search
  English  ▼

X  

74ACT11032D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT11032D
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11032D Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11032D Datasheet HTML 1Page - Texas Instruments 74ACT11032D Datasheet HTML 2Page - Texas Instruments 74ACT11032D Datasheet HTML 3Page - Texas Instruments 74ACT11032D Datasheet HTML 4Page - Texas Instruments 74ACT11032D Datasheet HTML 5Page - Texas Instruments 74ACT11032D Datasheet HTML 6Page - Texas Instruments 74ACT11032D Datasheet HTML 7Page - Texas Instruments 74ACT11032D Datasheet HTML 8Page - Texas Instruments 74ACT11032D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74ACT11032
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCAS008C – JULY 1987 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Center-Pin VCC and GND Configurations to
Minimize High-Speed Switching Noise
D EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity at 125°C
D Package Options Include Plastic
Small-Outline Packages (D), Plastic Shrink
Small-Outline Packages (DB), Plastic Thin
Shrink Small-Outline Packages (PW), and
Standard Plastic 300-mil DIPs (N)
description
This device contains four independent 2-input OR gates. It performs the Boolean function Y = A + B or
Y
+ A • B in positive logic.
The 74ACT11032 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
X
H
X
HH
L
L
L
logic symbol†
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
7
6
3
2
4B
4A
3B
3A
2B
2A
1B
1A
4Y
3Y
2Y
1Y
8
9
10
11
14
15
16
1
≥
logic diagram (positive logic)
1Y
1A
1B
2Y
2A
2B
3Y
3A
3B
4Y
4A
4B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
2Y
GND
GND
3Y
4Y
4B
1B
2A
2B
VCC
VCC
3A
3B
4A
D, DB, N, OR PW PACKAGE
(TOP VIEW)
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - 74ACT11032D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11032D TI-74ACT11032D Datasheet
77Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032D TI2-74ACT11032D Datasheet
326Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
REVISED APRIL 1996
74ACT11032DB TI-74ACT11032DB Datasheet
77Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DR TI2-74ACT11032DR Datasheet
326Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
REVISED APRIL 1996
74ACT11032DR.A TI2-74ACT11032DR.A Datasheet
326Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
REVISED APRIL 1996
More results

Similar Description - 74ACT11032D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32_07 Datasheet
1Mb / 32P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN5432 TI-SN5432_98 Datasheet
252Kb / 7P
QUADRUPLE 2-INPUT POSITIVE OR GATES
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com