Electronic Components Datasheet Search
  English  ▼

X  

74ACT11032D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT11032D
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11032D Datasheet(HTML) 3 Page - Texas Instruments

  74ACT11032D Datasheet HTML 1Page - Texas Instruments 74ACT11032D Datasheet HTML 2Page - Texas Instruments 74ACT11032D Datasheet HTML 3Page - Texas Instruments 74ACT11032D Datasheet HTML 4Page - Texas Instruments 74ACT11032D Datasheet HTML 5Page - Texas Instruments 74ACT11032D Datasheet HTML 6Page - Texas Instruments 74ACT11032D Datasheet HTML 7Page - Texas Instruments 74ACT11032D Datasheet HTML 8Page - Texas Instruments 74ACT11032D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74ACT11032
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCAS008C – JULY 1987 – REVISED APRIL 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH =50 mA
4.5 V
4.4
4.4
IOH = –50 mA
5.5 V
5.4
5.4
VOH
IOH =24 mA
4.5 V
3.94
3.8
V
IOH = –24 mA
5.5 V
4.94
4.8
IOH = –75 mA†
5.5 V
3.85
IOL =50 mA
4.5 V
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
VOL
IOL =24mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
mA
DICC‡
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.9
1
mA
Ci
VI = VCC or GND
5 V
3.5
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended ranges of supply voltage and free-air temperature
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
1.5
6.2
8.1
1.5
9
ns
tPHL
A or B
Y
1.5
4.9
7.4
1.5
8
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
CL = 50 pF,
f = 1 MHz
29
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com