Electronic Components Datasheet Search
  English  ▼

X  

74ACT11032D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT11032D
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11032D Datasheet(HTML) 2 Page - Texas Instruments

  74ACT11032D Datasheet HTML 1Page - Texas Instruments 74ACT11032D Datasheet HTML 2Page - Texas Instruments 74ACT11032D Datasheet HTML 3Page - Texas Instruments 74ACT11032D Datasheet HTML 4Page - Texas Instruments 74ACT11032D Datasheet HTML 5Page - Texas Instruments 74ACT11032D Datasheet HTML 6Page - Texas Instruments 74ACT11032D Datasheet HTML 7Page - Texas Instruments 74ACT11032D Datasheet HTML 8Page - Texas Instruments 74ACT11032D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74ACT11032
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCAS008C – JULY 1987 – REVISED APRIL 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
– 0.5 V to 6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2): D package
1.3 W
. . . . . . . . . . . . . . . . . . . .
DB package
0.55 W
. . . . . . . . . . . . . . . . . .
N package
1.1 W
. . . . . . . . . . . . . . . . . . . .
PW package
0.5 W
. . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
_C and a board trace length of 750 mils,
except for the N package, which has a trace length of zero.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
24
mA
Dt/Dv
Input transition rise or fall rate
0
10
ns/ V
TA
Operating free-air temperature
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com