Electronic Components Datasheet Search
  English  ▼

X  

TPS72011 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS72011
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72011 Datasheet(HTML) 4 Page - Texas Instruments

  TPS72011 Datasheet HTML 1Page - Texas Instruments TPS72011 Datasheet HTML 2Page - Texas Instruments TPS72011 Datasheet HTML 3Page - Texas Instruments TPS72011 Datasheet HTML 4Page - Texas Instruments TPS72011 Datasheet HTML 5Page - Texas Instruments TPS72011 Datasheet HTML 6Page - Texas Instruments TPS72011 Datasheet HTML 7Page - Texas Instruments TPS72011 Datasheet HTML 8Page - Texas Instruments TPS72011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS720xx
SBVS100D – JUNE 2008 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater); VIN ≥ VOUT +
0.5V, IOUT = 1mA, VEN = 1.1V, COUT = 2.2µF, unless otherwise noted. Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f = 10Hz
80
dB
f = 100Hz
80
dB
VIN – VOUT ≥ 0.5V,
f = 1kHz
75
dB
PSRR
VBIAS power-supply rejection ratio
VBIAS = VOUT + 1.4V,
f = 10kHz
65
dB
IOUT = 350mA
f = 100kHz
55
dB
f = 1MHz
35
dB
BW = 10Hz to 100kHz, VBIAS ≥ 2.5V,
VN
Output noise voltage
48
µV
RMS
VIN = VOUT + 0.5V
VBIAS = (VOUT +1.4V) or 2.5V (whichever is
100 +
IVIN_INRUSH
Inrush current on VIN
mA
greater), VIN = VOUT + 0.5V
ILOAD
VOUT = 95% VOUT(NOM), IOUT = 350mA,
tSTR
Startup time
140
µs
COUT = 2.2µF
VEN(HI)
Enable pin high (enabled)
1.1
V
VEN(LO)
Enable pin low (disabled)
0
0.4
V
IEN
Enable pin current
VEN = 5.5V, VIN = 4.5V, VBIAS = 5.5V
1.0
µA
Undervoltage lockout
VBIAS rising
2.41
2.45
2.49
V
UVLO
Hysteresis
VBIAS falling
150
mV
Shutdown, temperature increasing
+160
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+140
°C
TJ
Operating junction temperature
–40
+125
°C
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com