Electronic Components Datasheet Search
  English  ▼

X  

TPS72011 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS72011
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72011 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS72011 Datasheet HTML 16Page - Texas Instruments TPS72011 Datasheet HTML 17Page - Texas Instruments TPS72011 Datasheet HTML 18Page - Texas Instruments TPS72011 Datasheet HTML 19Page - Texas Instruments TPS72011 Datasheet HTML 20Page - Texas Instruments TPS72011 Datasheet HTML 21Page - Texas Instruments TPS72011 Datasheet HTML 22Page - Texas Instruments TPS72011 Datasheet HTML 23Page - Texas Instruments TPS72011 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS72009YZUT
DSBGA
YZU
5
250
182.0
182.0
17.0
TPS720105DRVR
SON
DRV
6
3000
203.0
203.0
35.0
TPS720105DRVR
SON
DRV
6
3000
210.0
185.0
35.0
TPS720105DRVT
SON
DRV
6
250
203.0
203.0
35.0
TPS720105DRVT
SON
DRV
6
250
210.0
185.0
35.0
TPS720105YZUR
DSBGA
YZU
5
3000
210.0
185.0
35.0
TPS720105YZUT
DSBGA
YZU
5
250
210.0
185.0
35.0
TPS72010DRVR
SON
DRV
6
3000
203.0
203.0
35.0
TPS72010DRVT
SON
DRV
6
250
203.0
203.0
35.0
TPS720115DRVR
SON
DRV
6
3000
203.0
203.0
35.0
TPS720115DRVT
SON
DRV
6
250
203.0
203.0
35.0
TPS72011DRVR
SON
DRV
6
3000
203.0
203.0
35.0
TPS72011DRVT
SON
DRV
6
250
203.0
203.0
35.0
TPS72011YZUR
DSBGA
YZU
5
3000
182.0
182.0
17.0
TPS72011YZUT
DSBGA
YZU
5
250
182.0
182.0
17.0
TPS72012DRVR
SON
DRV
6
3000
203.0
203.0
35.0
TPS72012DRVT
SON
DRV
6
250
203.0
203.0
35.0
TPS72012YZUR
DSBGA
YZU
5
3000
210.0
185.0
35.0
TPS72012YZUT
DSBGA
YZU
5
250
210.0
185.0
35.0
TPS72013YZUR
DSBGA
YZU
5
3000
210.0
185.0
35.0
TPS72013YZUT
DSBGA
YZU
5
250
210.0
185.0
35.0
TPS72015DRVR
SON
DRV
6
3000
210.0
185.0
35.0
TPS72015DRVR
SON
DRV
6
3000
203.0
203.0
35.0
TPS72015DRVT
SON
DRV
6
250
210.0
185.0
35.0
TPS72015DRVT
SON
DRV
6
250
203.0
203.0
35.0
TPS72015YZUR
DSBGA
YZU
5
3000
210.0
185.0
35.0
TPS72015YZUT
DSBGA
YZU
5
250
210.0
185.0
35.0
TPS72017YZUR
DSBGA
YZU
5
3000
210.0
185.0
35.0
TPS72017YZUT
DSBGA
YZU
5
250
210.0
185.0
35.0
TPS72018DRVR
SON
DRV
6
3000
203.0
203.0
35.0
TPS72018DRVT
SON
DRV
6
250
203.0
203.0
35.0
TPS72018YZUR
DSBGA
YZU
5
3000
210.0
185.0
35.0
TPS72018YZUT
DSBGA
YZU
5
250
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Sep-2013
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com