Electronic Components Datasheet Search
  English  ▼

X  

TPS72011 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS72011
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72011 Datasheet(HTML) 1 Page - Texas Instruments

  TPS72011 Datasheet HTML 1Page - Texas Instruments TPS72011 Datasheet HTML 2Page - Texas Instruments TPS72011 Datasheet HTML 3Page - Texas Instruments TPS72011 Datasheet HTML 4Page - Texas Instruments TPS72011 Datasheet HTML 5Page - Texas Instruments TPS72011 Datasheet HTML 6Page - Texas Instruments TPS72011 Datasheet HTML 7Page - Texas Instruments TPS72011 Datasheet HTML 8Page - Texas Instruments TPS72011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
BIAS
IN
EN
GND
OUT
C3
B2
A3
C1
A1
TPS720xx
YZUPACKAGE
1,33mmx0,96mmWCSP-5
(TOPVIEW)
IN
GND
BIAS
6
5
4
OUT
NC
EN
1
2
3
Thermal
Pad
TPS720xx
DRVPACKAGE
2mmx2mmSON-6
(TOPVIEW)
TPS720xx
V
EN
V
BATT
IN
EN
OUT
GND
V
CORE
2.2 F
Ceramic
m
1.3V
1.8V
Standalone
dc/dc
Converter
orPMU
BIAS
TPS720xx
www.ti.com........................................................................................................................................................ SBVS100D – JUNE 2008 – REVISED AUGUST 2009
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
2
• 350mA High-Performance LDO
The TPS720xx family of dual rail, low-dropout linear
regulators (LDOs) offers outstanding ac performance
• Low Quiescent Current: 38µA
(PSRR, load and line transient response), while
• Excellent Load Transient Response:
consuming a very low quiescent current of 38
µA.
±15mV for ILOAD = 0mA to 350mA in 1µs
The VBIAS rail that powers the control circuit of the
• Excellent Line Transient Response:
LDO draws very low current (on the order of the
ΔVOUT = ±2mV for ΔVBIAS = ±600mV in 1µs
quiescent current of the LDO) and can be connected
ΔVOUT = ±200µV for ΔVIN = ±400mV in 1µs
to any power supply that is equal to or greater than
• Low Noise: 48µV
RMS (10Hz to 100kHz)
1.4V above the output voltage. The main power path
is through VIN, which can be a lower voltage than
• 80dB V
IN PSRR (10Hz to 10kHz)
VBIAS; it can be as low as VOUT + VDO, increasing the
• 70dB V
BIAS PSRR (10Hz to 10kHz)
efficiency of the solution in many power-sensitive
• Fast Start-Up Time: 140µs
applications. For example, VIN can be an output of a
• Built-In Soft-Start with Monotonic V
OUT Rise
high-efficiency, dc-dc step-down regulator.
and Startup Current Limited to 100mA + ILOAD
The TPS720xx supports a novel feature in which the
• Over-Current and Thermal Protection
output of the LDO regulates under light loads when
the IN pin is left floating. The light-load drive current
• Low Dropout: 110mV at I
LOAD = 350mA
is sourced from VBIAS under this condition. This
• Stable with 2.2µF Output Capacitor
feature
is
particularly
useful
in
power-saving
• Available in 1,33mm x 0,96mm WCSP-5 and
applications where the dc/dc converter connected to
2mm x 2mm SON-6 Packages
the IN pin is disabled but the LDO is still required to
regulate the voltage to a light load.
The TPS720xx is stable with ceramic capacitors and
• Digital Cameras
uses an advanced BICMOS fabrication process that
• Cellular Camera Phones
yields a dropout of 110mV at a 350mA output load.
The TPS720xx has the unique feature of providing a
• Wireless LAN
monotonic VOUT rise (overshoot limited to 3%) with
• Handheld Products
VIN inrush current limited to 100mA + ILOAD with an
output capacitor of 2.2
µF.
The TPS720xx uses a precision voltage reference
and feedback loop to achieve overall accuracy of 2%
over load, line, process, and temperature extremes.
An ultra-small wafer chip-scale package (WCSP)
makes the TPS720xx ideal for handheld applications.
The TPS720xx is also available in a SON-8 package.
This family of devices is fully specified over the
temperature range of TJ = –40°C to +125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS72011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720115DRVR TI1-TPS720115DRVR Datasheet
850Kb / 25P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720115DRVR TI1-TPS720115DRVR Datasheet
1Mb / 33P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720115DRVR TI1-TPS720115DRVR Datasheet
983Kb / 28P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720115DRVR TI2-TPS720115DRVR Datasheet
1Mb / 39P
TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
REVISED SEPTEMBER 2015
TPS720115DRVR.B TI2-TPS720115DRVR.B Datasheet
1Mb / 39P
TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
REVISED SEPTEMBER 2015
More results

Similar Description - TPS72011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720 TI-TPS720 Datasheet
552Kb / 19P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX_0809 TI-TPS720XX_0809 Datasheet
926Kb / 22P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX TI-TPS720XX Datasheet
741Kb / 21P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72009 TI1-TPS72009 Datasheet
850Kb / 25P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI-TPS720_15 Datasheet
1Mb / 31P
TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
Texas Instruments
TPS720 TI1-TPS720_17 Datasheet
1Mb / 33P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
Texas Instruments
TPS720 TI1-TPS720_18 Datasheet
983Kb / 28P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com