Electronic Components Datasheet Search
  English  ▼

X  

97314 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # 97314
Description  4-Megabit (512K x 8) otp eprom
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

97314 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button 97314 Datasheet HTML 3Page - ATMEL Corporation 97314 Datasheet HTML 4Page - ATMEL Corporation 97314 Datasheet HTML 5Page - ATMEL Corporation 97314 Datasheet HTML 6Page - ATMEL Corporation 97314 Datasheet HTML 7Page - ATMEL Corporation 97314 Datasheet HTML 8Page - ATMEL Corporation 97314 Datasheet HTML 9Page - ATMEL Corporation 97314 Datasheet HTML 10Page - ATMEL Corporation 97314 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
0189G–EPROM–05/05
AT27C040
14. Programming Waveforms
(1)
Notes:
1. The Input Timing Reference is 0.8V for V
IL and 2.0V for VIH.
2. tOE and tDFP are characteristics of the device but must be accommodated by the programmer.
3. When programming the AT27C040 a 0.1 µF capacitor is required across V
PP and ground to suppress spurious voltage
transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com