Electronic Components Datasheet Search
  English  ▼

X  

97314 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # 97314
Description  4-Megabit (512K x 8) otp eprom
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

97314 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button 97314 Datasheet HTML 2Page - ATMEL Corporation 97314 Datasheet HTML 3Page - ATMEL Corporation 97314 Datasheet HTML 4Page - ATMEL Corporation 97314 Datasheet HTML 5Page - ATMEL Corporation 97314 Datasheet HTML 6Page - ATMEL Corporation 97314 Datasheet HTML 7Page - ATMEL Corporation 97314 Datasheet HTML 8Page - ATMEL Corporation 97314 Datasheet HTML 9Page - ATMEL Corporation 97314 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
0189G–EPROM–05/05
AT27C040
11. Input Test Waveforms and Measurement Levels
12. Output Test Load
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
OUTPUT
PIN
1.3V
(1N914)
3.3K
CL
13. Pin Capacitance
f = 1 MHz, T = 25
°C(1)
Symbol
Typ
Max
Units
Conditions
C
IN
48
pF
V
IN = 0V
COUT
812
pF
VOUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com