Electronic Components Datasheet Search
  English  ▼

X  

97314 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # 97314
Description  4-Megabit (512K x 8) otp eprom
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

97314 Datasheet(HTML) 4 Page - ATMEL Corporation

  97314 Datasheet HTML 1Page - ATMEL Corporation 97314 Datasheet HTML 2Page - ATMEL Corporation 97314 Datasheet HTML 3Page - ATMEL Corporation 97314 Datasheet HTML 4Page - ATMEL Corporation 97314 Datasheet HTML 5Page - ATMEL Corporation 97314 Datasheet HTML 6Page - ATMEL Corporation 97314 Datasheet HTML 7Page - ATMEL Corporation 97314 Datasheet HTML 8Page - ATMEL Corporation 97314 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
0189G–EPROM–05/05
AT27C040
Notes:
1. X can be V
IL or VIH.
2. Refer to Programming Characteristics
3. VH = 12.0 ± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs are held low (V
IL), except A9 which is set to VH and A0 which is toggled
low (V
IL) to select the Manufacturer’s Identification byte and high (VIH) to select the Device Code byte.
Notes:
1. V
CC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
6.
Operating Modes
Mode/Pin
CE
OE
Ai
V
PP
Outputs
Read
VIL
VIL
Ai
X
(1)
DOUT
Output Disable
X
V
IH
XX
High Z
Standby
V
IH
XX
X
High Z
Rapid Program
(2)
VIL
VIH
Ai
VPP
DIN
PGM Verify
X
V
IL
Ai
V
PP
D
OUT
PGM Inhibit
V
IH
V
IH
XV
PP
High Z
Product Identification
(4)
V
IL
V
IL
A9 = VH
(3)
A0 = V
IH or VIL
A1 - A18 = V
IL
X
Identification Code
7.
DC and AC Operating Conditions for Read Operation
AT27C040-70
AT27C040-90
Industrial Operating Temperature (Case)
-40°C - 85°C
-40°C - 85°C
V
CC Power Supply
5V
± 10%
5V
± 10%
8.
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
±1µA
I
LO
Output Leakage Current
V
OUT = 0V to VCC
±5µA
IPP1
(2)
VPP
(1) Read/Standby Current
VPP = VCC
10
µA
I
SB
V
CC1
(1) Standby Current
I
SB1 (CMOS), CE = VCC ± 0.3V
100
µA
I
SB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL
30
mA
V
IL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com