Electronic Components Datasheet Search
  English  ▼

X  

IL300 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL300
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL300 Datasheet HTML 1Page - Vishay Siliconix IL300 Datasheet HTML 2Page - Vishay Siliconix IL300 Datasheet HTML 3Page - Vishay Siliconix IL300 Datasheet HTML 4Page - Vishay Siliconix IL300 Datasheet HTML 5Page - Vishay Siliconix IL300 Datasheet HTML 6Page - Vishay Siliconix IL300 Datasheet HTML 7Page - Vishay Siliconix IL300 Datasheet HTML 8Page - Vishay Siliconix IL300 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IL300
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 23-Sep-11
5
Document Number: 83622
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 2 - LED Forward Current vs. Forward Voltage
Fig. 3 - Servo Photocurrent vs. LED Current and Temperature
Fig. 4 - Normalized Servo Photocurrent vs.
LED Current and Temperature
Fig. 5 - Servo Gain vs. LED Current and Temperature
Fig. 6 - Normalized Transfer Gain vs.
LED Current and Temperature
Fig. 7 - Amplitude Response vs. Frequency
iil300_02
1.4
1.3
1.2
1.1
0
5
10
15
20
25
30
35
V
F - LED Forward Voltage (V)
1.0
iil300_04
0 °C
25 °C
50 °C
75 °C
0.1
1
10
100
300
250
200
150
100
50
0
I
F - LED Current (mA)
V
D = - 15 V
iil300_06
010
15
20
25
3.0
2.5
2.0
1.5
1.0
0.5
0.0
I
F - LED Current (mA)
Normalized to: I
P1 at
I
F = 10 mA
T
A = 25 °C
V
D = - 15 V
0 °C
25 °C
50 °C
75 °C
5
IF - L ED Current (mA)
0.1
1
10
100
0
0.010
0.008
0.006
0.004
0.002
0°
25°
50°
75°
100°
17754
iil300_11
010
15
20
25
1.010
1.005
1.000
0.995
0.990
I
F - LED Current (mA)
0 °C
25 °C
50 °C
75 °C
Normalized to:
I
F = 10 mA
T
A = 25 °C
5
iil300_12
104
105
106
5
0
- 5
- 10
- 15
- 20
F - Frequency (Hz)
R
L = 1 kΩ
I
F = 10 mA, Mod = ± 2.0 Ma (peak)
R
L = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com