Electronic Components Datasheet Search
  English  ▼

X  

IL300 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # IL300
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button IL300 Datasheet HTML 3Page - Vishay Siliconix IL300 Datasheet HTML 4Page - Vishay Siliconix IL300 Datasheet HTML 5Page - Vishay Siliconix IL300 Datasheet HTML 6Page - Vishay Siliconix IL300 Datasheet HTML 7Page - Vishay Siliconix IL300 Datasheet HTML 8Page - Vishay Siliconix IL300 Datasheet HTML 9Page - Vishay Siliconix IL300 Datasheet HTML 10Page - Vishay Siliconix IL300 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IL300
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 23-Sep-11
10
Document Number: 83622
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
These amplifiers provide either an inverting or non-inverting
transfer gain based upon the type of input and output
amplifier. Table 2 shows the various configurations along
with the specific transfer gain equations. The offset column
refers to the calculation of the output offset or Vref2
necessary to provide a zero voltage output for a zero voltage
input. The non-inverting input amplifier requires the use of a
bipolar supply, while the inverting input stage can be
implemented with single supply operational amplifiers that
permit operation close to ground.
For best results, place a buffer transistor between the LED
and output of the operational amplifier when a CMOS
opamp is used or the LED IFq drive is targeted to operate
beyond 15 mA. Finally the bandwidth is influenced by the
magnitude of the closed loop gain of the input and output
amplifiers. Best bandwidths result when the amplifier gain is
designed for unity.
PACKAGE DIMENSIONS in millimeters
PACKAGE MARKING (this is an example of the IL300-E-X001)
i178010
ISO method A
Pin one ID
3
4
10°
1
2
4°
3°
9
6
5
8
7
0.527
0.889
3.302
3.810
0.406
0.508
7.112
8.382
1.016
1.270
9.652
10.16
0.203
0.305
2.794
3.302
6.096
6.604
0.508 ref.
0.254 ref.
0.254 ref.
2.540
1.270
7.62 typ.
8 min.
0.51
1.02
7.62 ref.
9.53
10.03
0.25 typ.
0.102
0.249
15° max.
Option 9
0.35
0.25
10.16
10.92
7.8
7.4
10.36
9.96
Option 6
8 min.
7.62 typ.
4.6
4.1
8.4 min.
10.3 max.
0.7
Option 7
18450
IL300-E
V YWW H 68
X001



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com