Electronic Components Datasheet Search
  English  ▼

X  

IL300 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL300
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL300 Datasheet HTML 1Page - Vishay Siliconix IL300 Datasheet HTML 2Page - Vishay Siliconix IL300 Datasheet HTML 3Page - Vishay Siliconix IL300 Datasheet HTML 4Page - Vishay Siliconix IL300 Datasheet HTML 5Page - Vishay Siliconix IL300 Datasheet HTML 6Page - Vishay Siliconix IL300 Datasheet HTML 7Page - Vishay Siliconix IL300 Datasheet HTML 8Page - Vishay Siliconix IL300 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IL300
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 23-Sep-11
3
Document Number: 83622
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Power dissipation
Pdiss
160
mW
Derate linearly from 25 °C
2.13
mW/°C
Forward current
IF
60
mA
Surge current (pulse width < 10 μs)
IPK
250
mA
Reverse voltage
VR
5V
Thermal resistance
Rth
470
K/W
Junction temperature
Tj
100
°C
OUTPUT
Power dissipation
Pdiss
50
mW
Derate linearly from 25 °C
0.65
mW/°C
Reverse voltage
VR
50
V
Thermal resistance
Rth
1500
K/W
Junction temperature
Tj
100
°C
COUPLER
Total package dissipation at 25 °C
Ptot
210
mW
Derate linearly from 25 °C
2.8
mW/°C
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Isolation test voltage
VISO
> 5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
> 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
> 1011
Ω
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT (LED EMITTER)
Forward voltage
IF = 10 mA
VF
1.25
1.50
V
VF temperature coefficient
ΔVF/Δ°C
- 2.2
mV/°C
Reverse current
VR = 5 V
IR
1μA
Junction capacitance
VF = 0 V, f = 1 MHz
Cj
15
pF
Dynamic resistance
IF = 10 mA
ΔVF/ΔIF
6
Ω
OUTPUT
Dark current
Vdet = - 15 V, IF = 0 A
ID
125
nA
Open circuit voltage
IF = 10 mA
VD
500
mV
Short circuit current
IF = 10 mA
ISC
70
μA
Junction capacitance
VF = 0 V, f = 1 MHz
Cj
12
pF
Noise equivalent power
Vdet = 15 V
NEP
4 x 10-14
W/
√Hz
COUPLER
Input-output capacitance
VF = 0 V, f = 1 MHz
1
pF
K1, servo gain (IP1/IF)IF = 10 mA, Vdet = - 15 V
K1
0.0050
0.007
0.011
Servo current (1)(2)
IF = 10 mA, Vdet = - 15 V
IP1
70
μA
K2, forward gain (IP2/IF)IF = 10 mA, Vdet = - 15 V
K2
0.0036
0.007
0.011
Forward current
IF = 10 mA, Vdet = - 15 V
IP2
70
μA
K3, transfer gain (K2/K1) (1)(2)
IF = 10 mA, Vdet = - 15 V
K3
0.56
1
1.65
K2/K1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com