Electronic Components Datasheet Search
  English  ▼

X  

AD7475ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD7475ARM
Description  1 MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475ARM Datasheet(HTML) 1 Page - Analog Devices

  AD7475ARM Datasheet HTML 1Page - Analog Devices AD7475ARM Datasheet HTML 2Page - Analog Devices AD7475ARM Datasheet HTML 3Page - Analog Devices AD7475ARM Datasheet HTML 4Page - Analog Devices AD7475ARM Datasheet HTML 5Page - Analog Devices AD7475ARM Datasheet HTML 6Page - Analog Devices AD7475ARM Datasheet HTML 7Page - Analog Devices AD7475ARM Datasheet HTML 8Page - Analog Devices AD7475ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 MSPS,12-Bit ADCs
AD7475/AD7495
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES AND APPLICATIONS
Fast throughput rate: 1 MSPS
Specified for VDD of 2.7 V to 5.25 V
Low power:
4.5 mW max at 1 MSPS with 3 V supplies
10.5 mW max at 1 MSPS with 5 V supplies
Wide input bandwidth:
68 dB SNR at 300 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface:
SPI™-/QSPI™-/MICROWIRE™-/DSP-compatible
On-board reference: 2.5 V (AD7495 only)
Standby mode: 1 μA max
8-lead MSOP and SOIC packages
Battery-powered systems
Personal digital assistants
Medical instruments
Mobile communications
Instrumentation and control systems
Data acquisition systems
Optical sensors
GENERAL DESCRIPTION
The AD7475/AD74951 are 12-bit, high speed, low power,
successive-approximation ADCs that operate from a single
2.7 V to 5.25 V power supply with throughput rates up to
1 MSPS. They contain a low noise, wide bandwidth track-and-
hold amplifier that can handle input frequencies above 1 MHz.
The conversion process and data acquisition are controlled
using CS and the serial clock, allowing the devices to interface
with microprocessors or DSPs. The input signal is sampled on
the falling edge of CS and conversion is initiated at this point.
The conversion time is determined by the SCLK frequency.
There are no pipeline delays associated with the part.
The AD7475/AD7495 use advanced design techniques to
achieve very low power dissipation at high throughput rates.
With 3 V supplies and a 1 MSPS throughput rate, the AD7475
consumes just 1.5 mA, while the AD7495 consumes 2 mA.
With 5 V supplies and 1 MSPS, the current consumption is
2.1 mA for the AD7475 and 2.6 mA for the AD7495.
The analog input range for the parts is 0 V to REF IN. The 2.5 V
reference for the AD7475 is applied externally to the REF IN
pin, while the AD7495 has an on-board 2.5 V reference.
1Protected by U.S. Patent No. 6,681,332
FUNCTIONAL BLOCK DIAGRAMS
T/H
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
AD7475
VIN
GND
VDD
SCLK
CS
CONTROL
LOGIC
SDATA
VDRIVE
REF IN
T/H
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
AD7495
VIN
GND
VDD
SCLK
CONTROL
LOGIC
SDATA
VDRIVE
BUF
2.5V
REFERENCE
REF OUT
CS
Figure 1.
PRODUCT HIGHLIGHTS
1.
The AD7475 offers 1 MSPS throughput rates with 4.5 mW
power consumption.
2.
Single-supply operation with VDRIVE function. The
AD7475/AD7495 operate from a single 2.7 V to 5.25 V
supply. The VDRIVE function allows the serial interface
to connect directly to either 3 V or 5 V processor systems
independent of VDD.
3.
Flexible power/serial clock speed management. The con-
version rate is determined by the serial clock, allowing the
conversion time to be reduced through the serial clock
speed increase. The parts also feature shutdown modes to
maximize power efficiency at lower throughput rates. This
allows the average power consumption to be reduced while
not converting. Power consumption is 1 μA when in full
shutdown.
4.
No pipeline delay. The parts feature a standard successive
approximation ADC with accurate control of the sampling
instant via a CS input and once-off conversion control.


Similar Part No. - AD7475ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7475ARM AD-AD7475ARM Datasheet
218Kb / 16P
1 MSPS, 12-Bit ADCs
REV.A
AD7475ARM AD-AD7475ARM Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
AD7475ARM-REEL AD-AD7475ARM-REEL Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
AD7475ARM-REEL7 AD-AD7475ARM-REEL7 Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
AD7475ARMZ AD-AD7475ARMZ Datasheet
519Kb / 24P
1 MSPS,12-Bit ADCs
Rev. D
More results

Similar Description - AD7475ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7475 AD-AD7475 Datasheet
218Kb / 16P
1 MSPS, 12-Bit ADCs
REV.A
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
1 MSPS,12-Bit ADCs
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com