Electronic Components Datasheet Search
  English  ▼

X  

AD7475ARM Datasheet(PDF) 19 Page - Analog Devices

Part # AD7475ARM
Description  1 MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475ARM Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7475ARM Datasheet HTML 15Page - Analog Devices AD7475ARM Datasheet HTML 16Page - Analog Devices AD7475ARM Datasheet HTML 17Page - Analog Devices AD7475ARM Datasheet HTML 18Page - Analog Devices AD7475ARM Datasheet HTML 19Page - Analog Devices AD7475ARM Datasheet HTML 20Page - Analog Devices AD7475ARM Datasheet HTML 21Page - Analog Devices AD7475ARM Datasheet HTML 22Page - Analog Devices AD7475ARM Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD7475/AD7495
Rev. B | Page 19 of 24
POWER VS. THROUGHPUT RATE
By using the partial power-down mode on the AD7475/
AD7495 when not converting, the average power consumption
of the ADC decreases at lower throughput rates. Figure 24
shows how, as the throughput rate is reduced, the part remains
in its partial power-down state longer and the average power
consumption over time drops accordingly.
THROUGHPUT (kSPS)
100
0.001
0
50
100
0.01
0.1
1
10
150
200
250
300
350
AD7495 5V
SCLK = 20MHz
AD7495 3V
SCLK = 20MHz
AD7475 5V
SCLK = 20MHz
AD7475 3V
SCLK = 20MHz
Figure 24. Power vs. Throughput for Partial Power Down
For example, if the AD7495 is operated in a continuous
sampling mode with a throughput rate of 100 kSPS and an
SCLK of 20 MHz (VDD = 5 V), and the device is placed in partial
power-down mode between conversions, then the power
consumption is calculated as follows. The maximum power
dissipation during normal operation is 13 mW (VDD = 5 V). If
the power-up time from partial power-down is one dummy
cycle, that is, 1 μs, and the remaining conversion time is another
cycle, that is, 1 μs, then the AD7495 can be said to dissipate
13 mW for 2 μs during each conversion cycle. For the
remainder of the conversion cycle, 8 μs, the part remains in
partial power-down mode. The AD7495 dissipates 1.15 mW for
the remaining 8 μs of the conversion cycle. If the throughput
rate is 100 kSPS, and the cycle time is 10 μs, the average power
dissipated during each cycle is (2/10) × (13 mW) + (8/10) ×
(1.15 mW) = 3.52 mW. If VDD = 3 V, SCLK = 20 MHz and the
device is again in partial power-down mode between conver-
sions, the power dissipated during normal operation is 6 mW.
The AD7495 dissipates 6 mW for 2 μs during each conversion
cycle and 0.69 mW for the remaining 8 μs where the part is in
partial power-down. With a throughput rate of 100 kSPS, the
average power dissipated during each conversion cycle is (2/10)
× (6 mW) + (8/10) × (0.69 mW) = 1.752 mW. Figure 24 shows
the power vs. throughput rate when using partial power-down
mode between conversions with both 5 V and 3 V supplies for
both the AD7475 and AD7495. For the AD7475, partial power-
down current is lower than that of the AD7495.
Full power-down mode is intended for use in applications with
slower throughput rates than required for partial power-down
mode. It is necessary to leave 650 μs for the AD7495 to be fully
powered up from full power-down before initiating a conver-
sion. Current consumptions between conversions is typically
less than 1 μA.
Figure 25 shows a typical graph of current vs. throughput for
the AD7495 while operating in different modes. At slower
throughput rates, for example, 10 SPS to 1 kSPS, the AD7495
was operated in full power-down mode. As the throughput rate
increased, up to 100 kSPS, the AD7495 was operated in partial
power-down mode, with the part being powered down between
conversions. With throughput rates from 100 kSPS to 1 MSPS,
the part operated in normal mode, remaining fully powered up
at all times.
THROUGHPUT (SPS)
2.0
10
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
100
1k
10k
100k
1M
VDD = 5V
FULL
POWER-DOWN
PARTIAL
POWER-DOWN
NORMAL
Figure 25. Typical AD7495 Current vs. Throughput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com