Electronic Components Datasheet Search
  English  ▼

X  

AD7475ARM Datasheet(PDF) 20 Page - Analog Devices

Part # AD7475ARM
Description  1 MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475ARM Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7475ARM Datasheet HTML 16Page - Analog Devices AD7475ARM Datasheet HTML 17Page - Analog Devices AD7475ARM Datasheet HTML 18Page - Analog Devices AD7475ARM Datasheet HTML 19Page - Analog Devices AD7475ARM Datasheet HTML 20Page - Analog Devices AD7475ARM Datasheet HTML 21Page - Analog Devices AD7475ARM Datasheet HTML 22Page - Analog Devices AD7475ARM Datasheet HTML 23Page - Analog Devices AD7475ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD7475/AD7495
Rev. B | Page 20 of 24
SERIAL INTERFACE
Figure 26 shows the detailed timing diagram for serial inter-
facing to the AD7475/AD7495. The serial clock provides the
conversion clock and also controls the transfer of information
from the AD7475/AD7495 during conversion.
CS initiates the data transfer and conversion process. The falling
edge of CS puts the track-and-hold into hold mode and takes
the bus out of three-state. The analog input is sampled at this
point.
The conversion is also initiated at this point and requires
16 SCLK cycles to complete. Once 13 SCLK falling edges have
elapsed, the track-and-hold goes back into track on the next
SCLK rising edge, as shown in Figure 26 at Point B. On the 16th
SCLK falling edge, the SDATA line goes back into three-state.
If the rising edge of CS occurs before 16 SCLKs have elapsed,
the conversion is terminated and the SDATA line goes back
into three-state, as shown in Figure 27; otherwise SDATA
returns to three-state on the 16th SCLK falling edge, as shown
in Figure 26.
Sixteen serial clock cycles are required to perform the con-
version process and to access data from the AD7475/AD7495.
CS going low provides the first leading zero to be read in by the
microcontroller or DSP. The remaining data is then clocked out
by subsequent SCLK falling edges beginning with the second
leading zero; thus the first falling clock edge on the serial clock
has the second leading zero provided. The final bit in the data
transfer is valid on the 16th falling edge, having been clocked out
on the previous (15th) falling edge.
In applications with a slower SCLK, it may be possible to read in
data on each SCLK rising edge, although the first leading zero
still has to be read on the first SCLK falling edge after the CS
falling edge. Therefore, the first rising edge of SCLK after the
CS falling edge provides the second leading zero and the 15th
rising SCLK edge has DB0 provided. This method may not
work with most microprocessors/DSPs, but could possibly be
used with FPGAs and ASICs.
SCLK
1
5
13
15
SDATA
FOUR LEADING ZEROS
THREE-STATE
t4
2
3
16
t5
t3
tQUIET
tCONVERT
t2
THREE-STATE
DB11
DB10
DB2
DB0
t6
t7
t8
14
0
0
0
0
B
DB1
4
CS
Figure 26. Serial Interface Timing Diagram
SCLK
1
5
13
15
SDATA
FOUR LEADING ZEROS
THREE-STATE
t4
2
3
16
t9
t3
tQUIET
tCONVERT
t2
THREE-STATE
DB11
DB10
DB2
t6
t7
14
0
0
0
0
B
4
CS
Figure 27. Serial Interface Timing Diagram — Conversion Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com