Electronic Components Datasheet Search
  English  ▼

X  

AD8052ARM Datasheet(PDF) 8 Page - Analog Devices

Part # AD8052ARM
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052ARM Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8052ARM Datasheet HTML 4Page - Analog Devices AD8052ARM Datasheet HTML 5Page - Analog Devices AD8052ARM Datasheet HTML 6Page - Analog Devices AD8052ARM Datasheet HTML 7Page - Analog Devices AD8052ARM Datasheet HTML 8Page - Analog Devices AD8052ARM Datasheet HTML 9Page - Analog Devices AD8052ARM Datasheet HTML 10Page - Analog Devices AD8052ARM Datasheet HTML 11Page - Analog Devices AD8052ARM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AD8051/AD8052/AD8054
Rev. J | Page 7 of 24
@ TA = 25°C, VS = ±5 V, RL = 2 kΩ to ground, unless otherwise noted.
Table 3.
AD8051A/AD8052A
AD8054A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
G = +1, VOUT = 0.2 V p-p
70
110
85
160
MHz
G = −1, +2, VOUT = 0.2 V p-p
50
65
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 0.2 V p-p,
RL = 150 Ω,
RF = 1.1 kΩ (AD8051A/
AD8052A)
20
MHz
RF = 200 Ω (AD8054A)
15
MHz
Slew Rate
G = −1, VOUT = 2 V step
105
170
150
190
V/μs
Full Power Response
G = +1, VOUT = 2 V p-p
40
50
MHz
Settling Time to 0.1%
G = −1, VOUT = 2 V step
50
40
MHz
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VOUT = 2 V p-p,
G = +2
−71
−72
dB
Input Voltage Noise
f = 10 kHz
16
16
nV/√Hz
Input Current Noise
f = 10 kHz
900
900
fA/√Hz
Differential Gain Error (NTSC)
G = +2, RL = 150 Ω
0.02
0.06
%
RL = 1 kΩ
0.02
0.02
%
Differential Phase Error (NTSC)
G = +2, RL = 150 Ω
0.11
0.15
Degrees
RL = 1 kΩ
0.02
0.03
Degrees
Crosstalk
f = 5 MHz, G = +2
−60
−60
dB
DC PERFORMANCE
Input Offset Voltage
1.8
11
1.8
13
mV
TMIN − TMAX
27
32
mV
Offset Drift
10
15
μV/°C
Input Bias Current
1.4
2.6
2
4.5
μA
TMIN − TMAX
3.5
4.5
μA
Input Offset Current
0.1
0.75
0.2
1.2
μA
Open-Loop Gain
RL = 2 kΩ
88
96
84
96
dB
TMIN − TMAX
96
96
dB
RL = 150 Ω
78
82
76
82
dB
TMIN − TMAX
80
80
dB
INPUT CHARACTERISTICS
Input Resistance
290
300
kΩ
Input Capacitance
1.4
1.5
pF
Input Common-Mode Voltage Range
−5.2 to
+4
−5.2 to
+4
V
Common-Mode Rejection Ratio
VCM = −5 V to +3.5 V
72
88
70
86
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 kΩ
−4.98 to
+4.98
−4.97 to
+4.97
V
RL = 2 kΩ
−4.85 to
+4.85
−4.97 to
+4.97
−4.8 to
+4.8
−4.9 to
+4.9
V
RL = 150 Ω
−4.45 to
+4.3
−4.6 to
+4.6
−4.0 to
+3.8
−4.5 to
+4.5
V
Output Current
VOUT = −4.5 V to +4.5 V
45
30
mA
TMIN − TMAX
45
30
mA
Short-Circuit Current
Sourcing
100
60
mA
Sinking
160
100
mA
Capacitive Load Drive
G = +1 (AD8051/AD8052)
50
pF
G = +2 (AD8054)
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com