Electronic Components Datasheet Search
  English  ▼

X  

AD8052ARM Datasheet(PDF) 19 Page - Analog Devices

Part # AD8052ARM
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052ARM Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8052ARM Datasheet HTML 15Page - Analog Devices AD8052ARM Datasheet HTML 16Page - Analog Devices AD8052ARM Datasheet HTML 17Page - Analog Devices AD8052ARM Datasheet HTML 18Page - Analog Devices AD8052ARM Datasheet HTML 19Page - Analog Devices AD8052ARM Datasheet HTML 20Page - Analog Devices AD8052ARM Datasheet HTML 21Page - Analog Devices AD8052ARM Datasheet HTML 22Page - Analog Devices AD8052ARM Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD8051/AD8052/AD8054
Rev. J | Page 18 of 24
LAYOUT CONSIDERATIONS
The specified high speed performance of the AD8051/AD8052/
AD8054 requires careful attention to board layout and component
selection. Proper RF design techniques and low parasitic
component selection are necessary.
The PCB should have a ground plane covering all unused
portions of the component side of the board to provide a low
impedance path. The ground plane should be removed from the
area near the input pins to reduce parasitic capacitance.
Chip capacitors should be used for supply bypassing. One end
should be connected to the ground plane and the other within
3 mm of each power pin. An additional large (4.7 μF to 10 μF)
tantalum electrolytic capacitor should be connected in parallel,
but not necessarily so close, to supply current for fast, large
signal changes at the output.
The feedback resistor should be located close to the inverting
input pin to keep the parasitic capacitance at this node to a
minimum. Parasitic capacitance of less than 1 pF at the inverting
input can significantly affect high speed performance.
Stripline design techniques should be used for long signal traces
(greater than about 25 mm). These should be designed with a
characteristic impedance of 50 Ω or 75 Ω and be properly
terminated at each end.
ACTIVE FILTERS
Active filters at higher frequencies require wider bandwidth op
amps to work effectively. Excessive phase shift produced by
lower frequency op amps can significantly affect active filter
performance.
Figure 46 shows an example of a 2 MHz biquad bandwidth filter
that uses three op amps of an AD8054. Such circuits are
sometimes used in medical ultrasound systems to lower the
noise bandwidth of the analog signal before analog-to-digital
conversion.
Note that the unused amplifier’s inputs should be tied to ground.
12
13
14
2
1
6
5
7
9
10
8
AD8054
AD8054
3
AD8054
R6
1kΩ
R4
2kΩ
R3
2kΩ
R5
2kΩ
R2
2kΩ
R1
3kΩ
C1
50pF
C2
50pF
VIN
BAND-PASS
FILTER OUTPUT
Figure 46. 2 MHz Biquad Band-Pass Filter Using AD8054
The frequency response of the circuit is shown in Figure 47.
FREQUENCY (Hz)
0
–10
–20
–30
–40
10k
100k
1M
10M
100M
Figure 47. Frequency Response of 2 MHz Band-Pass Biquad Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com