Electronic Components Datasheet Search
  English  ▼

X  

AD8052ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD8052ARM
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8052ARM Datasheet HTML 12Page - Analog Devices AD8052ARM Datasheet HTML 13Page - Analog Devices AD8052ARM Datasheet HTML 14Page - Analog Devices AD8052ARM Datasheet HTML 15Page - Analog Devices AD8052ARM Datasheet HTML 16Page - Analog Devices AD8052ARM Datasheet HTML 17Page - Analog Devices AD8052ARM Datasheet HTML 18Page - Analog Devices AD8052ARM Datasheet HTML 19Page - Analog Devices AD8052ARM Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AD8051/AD8052/AD8054
Rev. J | Page 15 of 24
1.5
VIN = 0.1V p-p
G = +1
RL = 2kΩ
VS = 3V
20mV
20ns
Figure 34. 100 mV Step Response, G = +1
2.5
2.6
2.4
VS = 5V
G = +1
RL = 2kΩ
50mV
20ns
Figure 35. AD8051/AD8052 200 mV Step Response; VS = 5 V, G = +1
3.5
2.5
1.5
0.5
4.5
VIN = 1V p-p
G = +2
RL = 2kΩ
VS = 5V
500mV
20ns
Figure 36. Large Signal Step Response; VS = 5 V, G = +2
5.0
2.5
VS = 5V
G = –1
RF = 2kΩ
RL = 2kΩ
1V
2µs
Figure 37. Output Swing; G = −1, RL = 2 kΩ
2.55
2.50
2.45
VS = 5V
G = +1
RL = 2kΩ
50mV
40ns
Figure 38. AD8054 100 mV Step Response; VS = 5 V, G = +1
4
3
2
1
–1
–2
–3
–4
VS = ±5V
G = +1
RL = 2kΩ
20ns
1V
Figure 39. Large Signal Step Response; VS = ±5 V, G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com