Electronic Components Datasheet Search
  English  ▼

X  

TLP155 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP155
Description  Photocouplers GaA As Infrared LED & Photo IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP155 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP155 Datasheet HTML 1Page - Toshiba Semiconductor TLP155 Datasheet HTML 2Page - Toshiba Semiconductor TLP155 Datasheet HTML 3Page - Toshiba Semiconductor TLP155 Datasheet HTML 4Page - Toshiba Semiconductor TLP155 Datasheet HTML 5Page - Toshiba Semiconductor TLP155 Datasheet HTML 6Page - Toshiba Semiconductor TLP155 Datasheet HTML 7Page - Toshiba Semiconductor TLP155 Datasheet HTML 8Page - Toshiba Semiconductor TLP155 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLP155
4
9.
9.
9.
9. Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 100
= -40 to 100
= -40 to 100
= -40 to 100
))))
Characteristics
Input forward voltage
Input forward voltage
temperature coefficient
Input reverse current
Input capacitance
Peak high-level output current
Peak low-level output current
High-level output voltage
Low-level output voltage
High-level supply current
Low-level supply current
Threshold input current (L/H)
Threshold input voltage (H/L)
Supply voltage
Symbol
VF
∆VF/∆Ta
IR
Ct
IOPH
IOPL
VOH
VOL
ICCH
ICCL
IFLH
VFHL
VCC
Note
(Note 1)
(Note 1)
Test
Circuit
Fig.
12.1.1
Fig.
12.1.2
Fig.
12.1.3
Fig.
12.1.4
Fig.
12.1.5
Fig.
12.1.6
Test Condition
IF = 10 mA, Ta = 25
IF = 10 mA
VR = 5 V, Ta = 25
V = 0 V, f = 1 MHz, Ta = 25
IF = 10 mA, VCC = 15 V,
V6-5 = 4 V
IF = 10 mA, VCC = 15 V,
V6-5 = 10 V
IF = 0 mA, VCC = 15 V,
V5-4 = 2 V
IF = 0 mA, VCC = 15 V,
V5-4 = 10 V
IF = 10 mA, VCC = 10 V,
IO = -100 mA
VF = 0.8 V, VCC = 10 V,
IO = 100 mA
IF = 10 mA, VCC = 10 to 30 V,
VO = Open
IF = 0 mA, VCC = 10 to 30 V,
VO = Open
VCC = 15 V, VO > 1 V
VCC = 15 V, VO < 1 V
Min
1.40
0.2
0.4
6.0
0.8
10
Typ.
1.57
-1.8
60
-0.5
0.5
8.4
0.3
1.5
1.5
1.0
Max
1.80
10
-0.2
-0.4
1.0
3.0
3.0
7.5
30
Unit
V
mV/
µA
pF
A
V
mA
V
Note:
All typical values are at Ta = 25.
Note:
This device is designed for low power consumption, making it more sensitive to ESD than its predecessors.
Extra care should be taken in the design of circuitry and pc board implementation to avoid ESD problems.
Note 1: IO application time ≤ 50 µs, single pulse.
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Conditions
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60%
AC, 1 min
AC, 1 s, in oil
DC, 1 min, in oil
Min
1×1012
3750
Typ.
0.8
1014
10000
10000
Max
Unit
pF
Ω
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4, 5 and 6 are
shorted together.
2012-11-13
Rev.1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com