Electronic Components Datasheet Search
  English  ▼

X  

TLP155 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP155
Description  Photocouplers GaA As Infrared LED & Photo IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP155 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP155 Datasheet HTML 1Page - Toshiba Semiconductor TLP155 Datasheet HTML 2Page - Toshiba Semiconductor TLP155 Datasheet HTML 3Page - Toshiba Semiconductor TLP155 Datasheet HTML 4Page - Toshiba Semiconductor TLP155 Datasheet HTML 5Page - Toshiba Semiconductor TLP155 Datasheet HTML 6Page - Toshiba Semiconductor TLP155 Datasheet HTML 7Page - Toshiba Semiconductor TLP155 Datasheet HTML 8Page - Toshiba Semiconductor TLP155 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLP155
3
7.
7.
7.
7. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Peak transient input forward
current
Input reverse voltage
Junction temperature
Peak high-level output current
Peak low-level output current
Output voltage
Supply voltage
Junction temperature
Operating temperature
Storage temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 92)
(Ta = -40 to 100)
(Ta = -40 to 100)
(10 s)
AC, 1 min,
R.H. ≤ 60%, Ta = 25
Symbol
IF
∆IF/∆Ta
IFPT
VR
Tj
IOPH
IOPL
VO
VCC
Tj
Topr
Tstg
Tsol
BVS
Note
(Note 1)
(Note 2)
(Note 2)
(Note 3)
Rating
20
-0.63
1
5
125
-0.6
+0.6
35
35
125
-40 to 100
-55 to 125
260
3750
Unit
mA
mA/
A
V
A
V
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width (PW) ≤ 1 µs, 300 pps
Note 2: Exponential waveform. Pulse width ≤ 2 µs, f ≤ 10 kHz, VCC = 20V, Ta = -40 to 100
Note 3: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4, 5 and 6 are
shorted together.
8.
8.
8.
8. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Threshold input current (L/H)
Threshold input voltage (H/L)
Supply voltage
Peak high-level output current
Peak low-level output current
Operating temperature
Operating frequency
Symbol
IFLH
VFHL
VCC
IOPH
IOPL
Topr
f
Note
(Note 1)
(Note 2)
(Note 3)
Min
10
0
10
-40
Typ.
Max
15
0.8
30
-0.2
+0.2
100
250
Unit
mA
V
A
kHz
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
Note:
A ceramic capacitor (0.1 µF) should be connected between pin 6 and pin 4 to stabilize the operation of a high-
gain linear amplifier. Otherwise, this photocoupler may not switch properly. The bypass capacitor should be
placed within 1 cm of each pin.
Note 1: The rise and fall times of the input on-current should be less than 0.5 µs.
Note 2: Denotes the operating range, not the recommended operating condition.
Note 3: Exponential waveform. IOPH ≥ -0.25 A (≤ 80 ns), IOPL ≤ 0.25 A (≤ 80 ns), Ta = 100
2012-11-13
Rev.1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com