Electronic Components Datasheet Search
  English  ▼

X  

TLP155 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP155
Description  Photocouplers GaA As Infrared LED & Photo IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP155 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP155 Datasheet HTML 1Page - Toshiba Semiconductor TLP155 Datasheet HTML 2Page - Toshiba Semiconductor TLP155 Datasheet HTML 3Page - Toshiba Semiconductor TLP155 Datasheet HTML 4Page - Toshiba Semiconductor TLP155 Datasheet HTML 5Page - Toshiba Semiconductor TLP155 Datasheet HTML 6Page - Toshiba Semiconductor TLP155 Datasheet HTML 7Page - Toshiba Semiconductor TLP155 Datasheet HTML 8Page - Toshiba Semiconductor TLP155 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLP155
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP155
TLP155
TLP155
TLP155
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Plasma Display Panels (PDPs)
•
Transistor Inverters
•
MOSFET Gate Drivers
•
IGBT Gate Drivers
2.
2.
2.
2. General
General
General
General
The Toshiba TLP155 consists of a GaAℓAs infrared light-emitting diodes and integrated high gain, high-speed
photodetectors. The TLP155 is housed in the SO6 package. The photodetector has an internal Faraday shield
that provides a guaranteed Common-mode transient immunity of ±20 kV/µ. TLP155 is suitable for direct gate
driving circuit for IGBTs or power MOSFETs.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Buffer logic type (Totem pole output)
(2)
Package type: SO6
(3)
Output peak current: ±0.6 A (max)
(4)
Operating temperature: -40 to 100
(5)
Threshold input current: 7.5 mA (max)
(6)
Propagation delay time: tpHL/tpLH = 200 ns (max)
(7)
Common-mode transient immunity: ±20 kV/µs (min)
(8)
Propagation delay skew: ±85 ns(max)
(9)
Isolation voltage: 3750 Vrms (min)
4.
4.
4.
4. Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
11-4L1S
1: Anode
3: Cathode
4: GND
5: VO(Output)
6: VCC
2012-11-13
Rev.1.0


Similar Part No. - TLP155

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results

Similar Description - TLP155

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com