Electronic Components Datasheet Search
  English  ▼

X  

TLP188 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP188
Description  Photocouplers GaA As Infrared LED & Photo Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP188 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP188 Datasheet HTML 1Page - Toshiba Semiconductor TLP188 Datasheet HTML 2Page - Toshiba Semiconductor TLP188 Datasheet HTML 3Page - Toshiba Semiconductor TLP188 Datasheet HTML 4Page - Toshiba Semiconductor TLP188 Datasheet HTML 5Page - Toshiba Semiconductor TLP188 Datasheet HTML 6Page - Toshiba Semiconductor TLP188 Datasheet HTML 7Page - Toshiba Semiconductor TLP188 Datasheet HTML 8Page - Toshiba Semiconductor TLP188 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLP188
1
Photocouplers GaAℓAs Infrared LED & Photo Transistor
TLP188
TLP188
TLP188
TLP188
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Programmable Logic Controllers (PLCs)
•
Air Conditioner Inverters
2.
2.
2.
2. General
General
General
General
TLP188 consists of phototransistors optically coupled to GaAℓAs infrared emitting diodes. The TLP188 is housed
in the very small and thin SO6(4pin) package and that guarantees high temperature operation(Ta = 110 max).
With the high brakedown voltage between the collector and emitter(VCEO = 350V), TLP188 is suitable for use in
programmable logiccontrollers (PLCs), and home appliances, include air conditioners.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Collector-emitter voltage: 350 V (min)
(2)
Current transfer ratio: 50% (min)
Rank GB: 100% (min)
(3)
Isolation voltage: 3750 Vrms (min)
(4)
Operating temperature: -55 to 110
(5)
Safety standards
UL-Under application UL1577 File No.E67349
cUL-Under application CSA Component Acceptance Service No.5A File No.E67349
BSI-Under application BS EN60065:2002, BS EN60950-1:2002
VDE-Under application EN60747-5-5 Certificate No. 40009347 (Note)
Note: When an EN60747-5-5 approved type is needed, please designate the Option (V4)
Note: When an EN60747-5-5 approved type is needed, please designate the Option (V4)
Note: When an EN60747-5-5 approved type is needed, please designate the Option (V4)
Note: When an EN60747-5-5 approved type is needed, please designate the Option (V4).
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
11-4M1S
1: Anode
3: Cathode
4: Emitter
6: Collector
5.
5.
5.
5. Principle of Operation
Principle of Operation
Principle of Operation
Principle of Operation
5.1.
5.1.
5.1.
5.1. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance
Internal isolation thickness
Min
5.0
5.0
0.4
Unit
mm
2013-02-27
Rev.1.0


Similar Part No. - TLP188

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
166Kb / 8P
Photocoupler GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180 Datasheet
188Kb / 8P
Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
logo
ISOCOM COMPONENTS
TLP180 ISOCOM-TLP180 Datasheet
861Kb / 10P
AC Isolation Voltage 3750VRMS
logo
Toshiba Semiconductor
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
More results

Similar Description - TLP188

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP155 TOSHIBA-TLP155 Datasheet
200Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com