Electronic Components Datasheet Search
  English  ▼

X  

TLP188 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP188
Description  Photocouplers GaA As Infrared LED & Photo Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP188 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP188 Datasheet HTML 1Page - Toshiba Semiconductor TLP188 Datasheet HTML 2Page - Toshiba Semiconductor TLP188 Datasheet HTML 3Page - Toshiba Semiconductor TLP188 Datasheet HTML 4Page - Toshiba Semiconductor TLP188 Datasheet HTML 5Page - Toshiba Semiconductor TLP188 Datasheet HTML 6Page - Toshiba Semiconductor TLP188 Datasheet HTML 7Page - Toshiba Semiconductor TLP188 Datasheet HTML 8Page - Toshiba Semiconductor TLP188 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLP188
3
8.
8.
8.
8. Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Current transfer ratio
Saturated current transfer ratio
Collector-emitter saturation
voltage
OFF-state collector current
Symbol
IC/IF
IC/IF(sat)
VCE(sat)
IC(off)
Note
(Note 1)
Test Condition
IF = 5 mA, VCE = 5 V
IF = 5 mA, VCE = 5 V, Rank GB
IF = 1 mA, VCE = 0.4 V
IF = 1 mA, VCE = 0.4 V, Rank GB
IC = 2.4 mA, IF = 8 mA
IC = 0.2 mA, IF = 1 mA
IC = 0.2 mA, IF = 1 mA, Rank GB
VF = 0.7 V, VCE = 350 V
Min
50
100
30
Typ.
60
0.2
Max
600
600
0.4
0.4
200
Unit
%
V
µA
Note 1: See Table 8.1 for current transfer ratio.
Table
Table
Table
Table 8.1
8.1
8.1
8.1 Current transfer ratio (CTR) Rank (Note) (Unless otherwise specified, T
Current transfer ratio (CTR) Rank (Note) (Unless otherwise specified, T
Current transfer ratio (CTR) Rank (Note) (Unless otherwise specified, T
Current transfer ratio (CTR) Rank (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Rank
Blank
GB
Test Condition
IF = 5 mA, VCE = 5 V
Current
transfer
ratio IC/IF
Min
50
100
Current
transfer
ratio IC/IF
Max
600
600
Marking of
Classification
Blank
GB
Unit
%
Note:
Specify both the part number and a rank in this format when ordering.
Example: TLP188(GB)
For safety standard certification, however, specify the part number alone.
Example: TLP188(GB,E: TLP188
9.
9.
9.
9. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Total capacitance (input to
output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
Note1
Note1
Note1
Test Conditions
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60%
AC, 1 min
AC, 1s in oil
DC, 1min in oil
Min
5 × 1012
3750
Typ.
0.8
1014
10000
10000
Max
Unit
pF
Ω
Vrms
Vdc
Note1: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4 and 6 are
shorted together.
2013-02-27
Rev.1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com