Electronic Components Datasheet Search
  English  ▼

X  

TLP188 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP188
Description  Photocouplers GaA As Infrared LED & Photo Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP188 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP188 Datasheet HTML 1Page - Toshiba Semiconductor TLP188 Datasheet HTML 2Page - Toshiba Semiconductor TLP188 Datasheet HTML 3Page - Toshiba Semiconductor TLP188 Datasheet HTML 4Page - Toshiba Semiconductor TLP188 Datasheet HTML 5Page - Toshiba Semiconductor TLP188 Datasheet HTML 6Page - Toshiba Semiconductor TLP188 Datasheet HTML 7Page - Toshiba Semiconductor TLP188 Datasheet HTML 8Page - Toshiba Semiconductor TLP188 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLP188
2
6.
6.
6.
6. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Input forward current (pulsed)
Input reverse voltage
Junction temperature
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Collector power dissipation
derating
Junction temperature
Operating temperature
Storage temperature
Lead soldering temperature
Total power dissipation
Input power dissipation
derating
Isolation voltage
(Ta ≥ 90)
(Ta ≥ 25)
(10 s)
(Ta ≥ 25)
AC, 1min, R.H. ≤ 60%
Symbol
IF
∆IF/∆Ta
IFP
VR
Tj
VCEO
VECO
IC
PC
∆PC/∆Ta
Tj
Topr
Tstg
Tsol
PT
∆PD/∆Ta
BVS
Note
(Note 1)
(Note 2)
Rating
50
-1.43
1
5
125
350
7
50
150
-1.5
125
-55 to 110
-55 to 125
260
200
-2
3750
Unit
mA
mA/
A
V
V
mA
mW
mW/
mW
mW/
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width (PW) ≤ 100 µs, f = 100 Hz
Note 2: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4 and 6 are
shorted together.
7.
7.
7.
7. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
Collector-emitter breakdown
voltage
Emitter-collector breakdown
voltage
Dark Current
Collector-emitter capacitance
Symbol
VF
IR
Ct
V(BR)CEO
V(BR)ECO
IDARK
CCE
Note
Test Condition
IF = 10 mA
VR = 5 V
V = 0 V, f = 1 MHz
IC = 0.1 mA
IE = 0.1 mA
VCE = 300 V
VCE = 300 V, Ta = 85
V = 0 V, f = 1 MHz
Min
1.1
350
7
Typ.
1.25
30
0.01
10
Max
1.4
10
0.2
50
Unit
V
µA
pF
V
µA
pF
2013-02-27
Rev.1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com