Electronic Components Datasheet Search
  English  ▼

X  

TLP285 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP285
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP285 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP285 Datasheet HTML 1Page - Toshiba Semiconductor TLP285 Datasheet HTML 2Page - Toshiba Semiconductor TLP285 Datasheet HTML 3Page - Toshiba Semiconductor TLP285 Datasheet HTML 4Page - Toshiba Semiconductor TLP285 Datasheet HTML 5Page - Toshiba Semiconductor TLP285 Datasheet HTML 6Page - Toshiba Semiconductor TLP285 Datasheet HTML 7Page - Toshiba Semiconductor TLP285 Datasheet HTML 8Page - Toshiba Semiconductor TLP285 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TLP285
2009-05-27
4
Coupled Electrical Characteristics (Ta = 25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
50
—
600
Current Transfer Ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
—
600
%
—
60
—
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
—
—
%
IC = 2.4 mA, IF = 8 mA
—
—
0.4
—
0.2
—
Collector-Emitter
Saturation Voltage
VCE (sat)
IC = 0.2 mA, IF = 1 mA
Rank GB
—
—
0.4
V
OFF-State Collector Current
IC (off)
VF = 0.7 V, VCE = 48 V
—
—
10
μA
Isolation Characteristics (Ta = 25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Capacitance
(Input to Output)
CS
VS = 0 V, f = 1 MHz
—
0.8
—
pF
Isolation Resistance
RS
VS = 500 V, R.H.≤60%
1×10
12
10
14
—
Ω
AC , 1 minute
3750
—
—
AC , 1 second, in OIL
—
10000
—
Vrms
Isolation Voltage
BVS
DC , 1 minute, in OIL
—
10000
—
Vdc
Switching Characteristics (Ta = 25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Rise Time
tr
—
2
—
Fall Time
tf
—
3
—
Turn-On Time
ton
—
3
—
Turn-Off Time
toff
VCC = 10 V, IC = 2 mA
RL = 100Ω
—
3
—
μs
Turn-On Time
tON
—
2
—
Storage Time
ts
—
25
—
Turn-Off Time
tOFF
RL = 1.9 kΩ
(Fig.1)
VCC = 5 V, IF = 16 mA
—
40
—
μs
(Fig.1) Switching Time Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com