Electronic Components Datasheet Search
  English  ▼

X  

TLP285 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP285
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP285 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP285 Datasheet HTML 1Page - Toshiba Semiconductor TLP285 Datasheet HTML 2Page - Toshiba Semiconductor TLP285 Datasheet HTML 3Page - Toshiba Semiconductor TLP285 Datasheet HTML 4Page - Toshiba Semiconductor TLP285 Datasheet HTML 5Page - Toshiba Semiconductor TLP285 Datasheet HTML 6Page - Toshiba Semiconductor TLP285 Datasheet HTML 7Page - Toshiba Semiconductor TLP285 Datasheet HTML 8Page - Toshiba Semiconductor TLP285 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLP285
2009-05-27
3
Absolute Maximum Ratings (Ta = 25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF(RMS)
50
mA
Forward Current Derating
∆IF /°C
−1.0 (Ta≥75°C)
mA /°C
Pulse Forward Current (Note2)
IFP
1
A
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Collector-Emitter Voltage
VCEO
80
V
Emitter-Collector Voltage
VECO
7
V
Collector Current
IC
50
mA
Collector Power Dissipation
PC
150
mW
Collector Power Dissipation
Derating(Ta≥25°C)
∆PC /°C
−1.5
mW /°C
Junction Temperature
Tj
125
°C
Operating Temperature Range
Topr
−55 to 110
°C
Storage Temperature Range
Tstg
−55 to 125
°C
Lead Soldering Temperature
Tsol
260 (10s)
°C
Total Package Power Dissipation
PT
200
mW
Total Package Power Dissipation
Derating (Ta≥25°C)
∆PT /°C
−2.0
mW /°C
Isolation Voltage
(Note3)
BVS
3750
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note2 : Pulse width
≤ 100μs, frequency 100Hz
Note3 : AC, 1 minute, R.H.≤60%, Device considered a two terminal device : LED side pins shorted together and
DETECTOR side pins shorted together.
Individual Electrical Characteristics (Ta = 25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
—
—
10
μA
Capacitance
CT
V = 0, f = 1 MHz
—
30
—
pF
Collector-Emitter Breakdown Voltage
V(BR) CEO
IC = 0.5 mA
80
—
—
V
Emitter-Collector Breakdown Voltage
V(BR) ECO
IE = 0.1 mA
7
—
—
V
VCE = 48 V,
Ambient Light Below
(100 ℓx)
(Note 4)
—
0.01
(2)
0.1
(10)
μA
Collector Dark Current
(Note5)
ICEO
VCE = 48 V, Ta = 85°C
Ambient Light Below
(100 ℓx)
(Note 4)
—
2
(4)
50
(50)
μA
Capacitance
(Collector to Emitter)
CCE
V = 0, f = 1 MHz
—
10
—
pF
Note.4 :Irradiation to marking side using standard light bulb.
Note 5 :Because of the construction, leak current might be increased by ambient light.
Please use photocoupler with less ambient light.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com