Electronic Components Datasheet Search
  English  ▼

X  

TLP285 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP285
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP285 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP285 Datasheet HTML 1Page - Toshiba Semiconductor TLP285 Datasheet HTML 2Page - Toshiba Semiconductor TLP285 Datasheet HTML 3Page - Toshiba Semiconductor TLP285 Datasheet HTML 4Page - Toshiba Semiconductor TLP285 Datasheet HTML 5Page - Toshiba Semiconductor TLP285 Datasheet HTML 6Page - Toshiba Semiconductor TLP285 Datasheet HTML 7Page - Toshiba Semiconductor TLP285 Datasheet HTML 8Page - Toshiba Semiconductor TLP285 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLP285
2009-05-27
1
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285
Power Supplies
Programmable Controllers
Hybrid ICs
The Toshiba TLP285 consists of photo transistor, optically coupled to a
gallium arsenide infrared emitting diode. TLP285 is housed in the SOP4
package, very small and thin coupler.
Since TLP285 is guaranteed wide operating temperature (Ta=-55 to 110 ˚C)
and high isolation voltage (3750Vrms), it’s suitable for high-density surface
mounting applications such as small switching power supplies and
programmable controllers.
Collector-Emitter Voltage
: 80 V (min)
Current Transfer Ratio
: 50% (min)
Rank GB
: 100% (min)
Isolation Voltage
: 3750 Vrms (min)
Guaranteed performance over -55 to 110 ˚C
UL Recognized
: UL1577 , File No. E67349
cUL Recognized
: CSA Component Acceptance Service
No.5A
BSI Approved
: BS EN 60065: 2002,
: BS EN 60950-1: 2006
Option (V4)
VDE approved
: EN60747-5-2
Maximum operating insulation voltage : 707 Vpk
Highest permissible over-voltage
: 6000 Vpk
( Note ) When a EN60747-5-2 approved type is needed,
please designate the “Option(V4)”
Construction Mechanical Rating
TOSHIBA
11-3A1
Weight: 0.05 g (typ.)
Creepage Distance
Clearance
Insulation Thickness
5.0 mm (min)
5.0 mm (min)
0.4 mm (min)
Unit in mm
TLP285
1:ANODE
2:CATHODE
3:EMITTER
4:COLLECTOR
1
2
4
3
TLP285
Pin Configuration


Similar Part No. - TLP285

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results

Similar Description - TLP285

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP628 TOSHIBA-TLP628 Datasheet
257Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com