Electronic Components Datasheet Search
  English  ▼

X  

ADIS16448AMLZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADIS16448AMLZ
Description  Compact, Precision Ten Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16448AMLZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIS16448AMLZ Datasheet HTML 6Page - Analog Devices ADIS16448AMLZ Datasheet HTML 7Page - Analog Devices ADIS16448AMLZ Datasheet HTML 8Page - Analog Devices ADIS16448AMLZ Datasheet HTML 9Page - Analog Devices ADIS16448AMLZ Datasheet HTML 10Page - Analog Devices ADIS16448AMLZ Datasheet HTML 11Page - Analog Devices ADIS16448AMLZ Datasheet HTML 12Page - Analog Devices ADIS16448AMLZ Datasheet HTML 13Page - Analog Devices ADIS16448AMLZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADIS16448
Data Sheet
Rev. B | Page 10 of 24
USER INTERFACE
The ADIS16448 is an autonomous system that requires no user
initialization. When it has a valid power supply, it initializes itself
and starts sampling, processing, and loading sensor data into
the output registers at a sample rate of 819.2 SPS. DIO1 pulses
high after each sample cycle concludes. The SPI interface enables
simple integration with many embedded processor platforms,
as shown in Figure 9 (electrical connection) and Table 7 (pin
functions).
SYSTEM
PROCESSOR
SPI MASTER
ADIS16448
SCLK
CS
DIN
DOUT
SCLK
SS
MOSI
MISO
+3.3V
IRQ
DIO1
VDD
I/O LINES ARE COMPATIBLE WITH
3.3V OR 5V LOGIC LEVELS
10
6
3
5
4
7
11
12
13
14
15
10µF
Figure 9. Electrical Connection Diagram
Table 7. Generic Master Processor Pin Names and Functions
Pin Name
Function
SS
Slave select
SCLK
Serial clock
MOSI
Master output, slave input
MISO
Master input, slave output
IRQ
Interrupt request
The ADIS16448 SPI interface supports full duplex serial commu-
nication (simultaneous transmit and receive) and uses the bit
sequence shown in Figure 12. Table 8 provides a list of the most
common settings that require attention to initialize the serial
port of a processor for the ADIS16448 SPI interface.
Table 8. Generic Master Processor SPI Settings
Processor Setting
Description
Master
The ADIS16448 operates as a slave
SCLK Rate ≤ 2 MHz1
Maximum serial clock rate
SPI Mode 3
CPOL = 1 (polarity), CPHA = 1 (phase)
MSB-First Mode
Bit sequence
16-Bit Mode
Shift register/data length
1 For burst read, SCLK rate ≤ 1 MHz.
READING SENSOR DATA
The ADIS16448 provides two different options for acquiring
sensor data: single register and burst register. A single register
read requires two 16-bit SPI cycles. The first cycle requests the
contents of a register using the bit assignments in Figure 12.
Bit DC7 to Bit DC0 are don’t cares for a read, and then the output
register contents follow on DOUT during the second sequence.
Figure 10 includes three single register reads in succession. In
this example, the process starts with DIN = 0x0400 to request
the contents of XGYRO_OUT, then follows with 0x0600 to
request YGYRO_OUT and 0x0800 to request ZGYRO_OUT.
Full duplex operation enables processors to use the same 16-bit
SPI cycle to read data from DOUT while requesting the next set
of data on DIN. Figure 11 provides an example of the four SPI
signals when reading XGYRO_OUT in a repeating pattern.
XGYRO_OUT
DIN
DOUT
YGYRO_OUT
ZGYRO_OUT
0x0400
0x0600
0x0800
Figure 10. SPI Read Example
SCLK
CS
DIN
DOUT
DOUT = 1111 10011101 1010 = 0xF9DA = –1574 LSBs ≥ –62.96°/sec
DIN = 0000 0100 0000 0000 = 0x0400
Figure 11. Example SPI Read, Second 16-Bit Sequence
R/W
R/W
A6
A5
A4
A3
A2
A1
A0
DC7 DC6 DC5 DC4 DC3 DC2 DC1 DC0
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
CS
SCLK
DIN
DOUT
A6
A5
D13
D14
D15
NOTES
1. THE DOUT BIT PATTERN REFLECTS THE ENTIRE CONTENTS OF THE REGISTER IDENTIFIED BY [A6:A0]
IN THE PREVIOUS 16-BIT DIN SEQUENCE WHEN R/W = 0.
2. IF R/W = 1 DURING THE PREVIOUS SEQUENCE, DOUT IS NOT DEFINED.
Figure 12. SPI Communication Bit Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com